Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH90C3 Datasheet(PDF) 138 Page - STMicroelectronics

Part # SPC58NH90C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH90C3 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button SPC58NH90C3 Datasheet HTML 134Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 135Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 136Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 137Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 138Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 139Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 140Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 141Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 147 page
background image
Revision history
SPC58EHx, SPC58NHx
138/147
DS12304 Rev 5
7
Revision history
Table 78. Document revision history
Date
Revision
Changes
14-Nov-2017
1
Initial version.
30-Nov-2017
2
Section 4.14.1: Power management integration
: added sentence “It is
recommended...device itself” for all devices
Table 32: Linear regulator specifications
: updated values for symbol “
ΔIDDMREG”
– Min: added -200
– Max: added 200
Table 39: SMPS Regulator specifications: symbol “IDDSMPS”: changed “C” value from
“P” to “T”
Figure 16: SMPS Regulator Mode: figure updated and footnote added
Table 37: Wait State configuration
– changed “200” to “180” MHz
– added “6 = 200 Mhz”
Table 54: TxEN output characteristics
: added table footnote “Pad configured as VERY
STRONG.”
Table 55: TxD output characteristics
: changed note 3 to apply to the whole table
Table 57: CAN timing
: added columns for “CC” and “D”
26-Mar-2019
3
Throughout document:
Replaced SPC58xEx by SPC58xHx
Formatting and editorial changes.
The following changes have been made:
Removed section “LFAST pad electrical characteristics”
Features
:
– Removed bullet “Power supply options selectable via GPIO for BGA packages:”.
– Replaced “12 MCAN” by “16 MCAN”
– Replaced “eMMC rev 4.5.1 module” by “SD/SDIO/eMMC”.
– Added “with double Chip Select” to OctalSPI module.
– Removed USB ULPI.
– Replaced “10/100 Mbps/ Gbps” by “,one 10/100Mbps and the other one
10/100Mbps or 1Gbps,
– Replaced “10/100 Mbps/ Gbps” by “,one 10/100Mbps and the other one
10/100Mbps or 1Gbps,”
– Replaced “One I2C module” by “Four I2C module”.
– Added “Two PSI5 modules” to Communication interfaces bullet.
– Changed bullet “Flexible power supply options:” to “Low power supply options:”, and
removed “Single internal SMPS regulator (FPBGA302 and FPBGA386)” and added
“external low voltage supply (1.2V)” to this bullet.
– Removed bullet “One I2S module” from Communication interfaces bullet
– Replaced bullet “182 KB HSM...(144 KB code + 32 KB data)” by “224 KB
HSM...(192 KB code + 32 KB data)”
– Removed bullet “One I2S module” from Communication interfaces bullet
– Added “1 deserial...low power mode” in Communication interfaces bullet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com