Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH92C3 Datasheet(PDF) 120 Page - STMicroelectronics

Part # SPC58NH92C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH92C3 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button SPC58NH92C3 Datasheet HTML 116Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 117Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 118Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 119Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 120Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 121Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 122Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 123Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 147 page
background image
Package information
SPC58EHx, SPC58NHx
120/147
DS12304 Rev 5
Figure 50. eLQFP176 leadframe pad design
5.3
FPBGA302 package information
Refer to Section 5.3.1: Package mechanical drawings and data information for full
description of below figures and table notes.
Table 67. eLQFP176 symbol definitions
Symbol
Definition
Notes
aaa
The tolerance that controls the position of
the terminal pattern with respect to Datum A
and B. The center of the tolerance zone for
each terminal is defined by basic dimension
e as related to Datum A and B.
For flange-molded packages, this tolerance
also applies for basic dimensions D1 and
E1. For packages tooled with intentional
terminal tip protrusions, aaa does not apply
to those protrusions.
bbb
The bilateral profile tolerance that controls
the position of the plastic body sides. The
centers of the profile zones are defined by
the basic dimensions D and E.
—
ccc
The unilateral tolerance located above the
seating plane where in the bottom surface of
all terminals must be located.
This tolerance is commonly know as the
“coplanarity” of the package terminals.
ddd
The tolerance that controls the position of
the terminals to each other. The centers of
the profile zones are defined by basic
dimension e.
This tolerance is normally compounded with
tolerance zone defined by “b”.
Note: number, dimensions and positions of grooves are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com