Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH92C3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPC58NH92C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH92C3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPC58NH92C3 Datasheet HTML 11Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 12Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 13Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 14Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 15Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 16Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 17Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 18Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 147 page
background image
DS12304 Rev 5
15/147
SPC58EHx, SPC58NHx
Description
16
only difference is that, it can check for patterns sequentially (1 field at a time)
unlike fixed/register filtering which can compare in parallel and at line rate.
–
TSN features:
IEEE 802.1Qbv (EST)
IEEE 802.1AS-Rev/D2.0 (timing and synchronization)
IEEE 802.3br/D3.1 (frame preemption)
IEEE 802.1Qbu/D3.1 (frame preemption)
•
SD/SDIO/MMC host interface that supports:
–
eMMC - MultiMedia Card Specification v4.51
– 1-bit, 4-bit, 8-bit interface
– Full backward compatibility with legacy MMC cards (0-25 MHz), 25 MB/s
– Full High Speed SDR bus mode (0-50 MHz), 50 MB/s
– Full High Speed DDR bus mode (0-50 MHz), 100 MB/s
– 3.3 V IO voltage
–
SD Card Specification v3.01
– Full support for Default Speed mode (0-25 MHz), 12.5 MB/s
– Full support for High Speed (0-50 MHz) mode, 25 MB/s
– 1-bit, 4-bit interface
– 3.3 V IO voltage
–
SDIO Specification v3.0
– Full support for Default Speed mode (0-25 MHz) mode, 12.5 MB/s
– Full support for High Speed (0-50 MHz) mode, 25 MB/s
– 1-bit or 4-bit interface
– 3.3 V IO voltage
The current version supports only one SD3.01/SDIO3.0/MMC4.51 card at any one
time.
•
OctalSPI host interface that supports:
–
SPI mode
– 1-bit, 4-bit, 8-bit interface
– SDR for 1 bit interface only (SPI mode)
– SDR and DDR for 4 and 8 bits interface (quad and Octal SPI mode)
– 3.3 V IO voltage
– Clock up to 100 MHz
– SPI NOR device with DQS mode compliant
–
Hyperbus(TM) bus mode
– Compliant with “HyperBus™ Specification Low Signal Count, High
Performance DDR Bus”, June 2017, revision F
– DDR for 8-bit interface
– 3.3 V IO voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com