Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH92C3 Datasheet(PDF) 146 Page - STMicroelectronics

Part # SPC58NH92C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH92C3 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button SPC58NH92C3 Datasheet HTML 139Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 140Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 141Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 142Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 143Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 144Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 145Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 146Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 147Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 146 / 147 page
background image
Revision history
SPC58EHx, SPC58NHx
146/147
DS12304 Rev 5
12-May-2020
4
(cont’d)
Table 66: eLQFP176 package mechanical data
: updated table, notes and numbering.
Moved notes to new section Section 5.2.1: Package mechanical drawings and data
information
.
Table 68: FPBGA302 package mechanical data
: updated table, notes and numbering.
Moved notes to new section Section 5.3.1: Package mechanical drawings and data
information
.
Table 69: FPBGA386 package mechanical data
: updated table, notes and numbering.
Moved notes to new section Section 5.4.1: Package mechanical drawings and data
information
Section 5.5: Package thermal characteristics
:
Section 5.5.3: FPBGA302
: updated package name.
Section 5.5.4: FPBGA386
: updated package name.
Chapter 6: Ordering information
:
Figure 53: Ordering information scheme
– Removed Packing option R.
– Set X as example.
– Packing option X: Replaced “90°” by “(pin 1 top right)”.
– Added footnotes a. and b. for custom version
– Removed Freq.&T. option E = 120 MHz at 105 and N = 120 MHz at 125
Updated Figure 76: RAM Options triple core (KByte)
Updated Figure 77: RAM Options dual core (KByte)
0
7-Jun-2021
5
Changed document classification from
ST Restricted to Public.
Table 78. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com