Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH84C5 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPC58NH84C5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C5 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPC58NH84C5 Datasheet HTML 71Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 72Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 73Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 74Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 75Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 76Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 77Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 78Page - STMicroelectronics SPC58NH84C5 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 147 page
background image
DS12304 Rev 5
75/147
SPC58EHx, SPC58NHx
Electrical characteristics
78
4.15
Flash memory
The following table shows the Wait State configuration.
The following table shows the Program/Erase Characteristics.
Table 37. Wait State configuration
APC
RWSC
Frequency range (MHz)
000(1)
1. STD pipelined.
0f < 30
1f < 60
2f < 90
3f < 120
4f < 150
5f < 180
6f < 200
100(2)
2. No pipeline.
0f < 30
1f < 60
2f < 90
3f < 120
4f < 150
5f < 180
6f < 200
001(3)
3. Pipeline with 1 Tck address anticipation.
255 <f< 80
355 <f< 120
455 <f< 150
555 <f< 180
655 <f< 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com