Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1754872 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1754872
Description  Printed-circuit board connector - FKCN 2,5/10-STF-5,08
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754872 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1754872 Datasheet HTML 7Page - PHOENIX CONTACT 1754872 Datasheet HTML 8Page - PHOENIX CONTACT 1754872 Datasheet HTML 9Page - PHOENIX CONTACT 1754872 Datasheet HTML 10Page - PHOENIX CONTACT 1754872 Datasheet HTML 11Page - PHOENIX CONTACT 1754872 Datasheet HTML 12Page - PHOENIX CONTACT 1754872 Datasheet HTML 13Page - PHOENIX CONTACT 1754872 Datasheet HTML 14Page - PHOENIX CONTACT 1754872 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
https://www.phoenixcontact.com/pi/products/1754872
09/12/2020   Page 13 / 15
Printed-circuit board connector - FKCN 2,5/10-STF-5,08 - 1754872
Accessories
Printed-circuit board connector - CCDN 2,5/10-G1F-5,08 P26 THR - 1753381
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 10, pitch: 5.08 mm, color: black, contact surface: Tin, mounting: THR soldering, pin layout: Linear pinning,
solder pin [P]: 2.6 mm
 
 
Feed-through header - MSTB 2,5/10-GF-5,08 - 1776582
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 10, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning,
solder pin [P]: 3.5 mm
 
 
Printed-circuit board connector - MSTBV 2,5/10-GF-5,08 - 1777154
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 10, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning,
solder pin [P]: 3.9 mm
 
 
Feed-through header - MDSTBV 2,5/10-GF-5,08 - 1845714
PCB headers, nominal current: 10 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 10, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear
pinning, solder pin [P]: 3.9 mm, The article can be aligned to create different nos. of positions! In combination with
MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or FKCVR) must be used.
Combination with TMSTBP plug components is not possible!
 
 
Printed-circuit board connector - DFK-MSTBA 2,5/10-GF-5,08 - 1899061
Feed-through header, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 10, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning,
solder pin [P]: 3.2 mm
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com