Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8316Z Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 72 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 68Page - Texas Instruments MCT8316Z Datasheet HTML 69Page - Texas Instruments MCT8316Z Datasheet HTML 70Page - Texas Instruments MCT8316Z Datasheet HTML 71Page - Texas Instruments MCT8316Z Datasheet HTML 72Page - Texas Instruments MCT8316Z Datasheet HTML 73Page - Texas Instruments MCT8316Z Datasheet HTML 74Page - Texas Instruments MCT8316Z Datasheet HTML 75Page - Texas Instruments MCT8316Z Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
8.6.2.6 Control_Register_6 Register (Offset = 8h) [Reset = 00h]
Control_Register_6 is shown in Control_Register_6 Register and described in Control_Register_6 Register Field
Descriptions.
Return to the CONTROL Registers.
Figure 8-57. Control_Register_6 Register
7
6
5
4
3
2
1
0
RESERVED
RESERVED
BUCK_PS_DIS
BUCK_CL
BUCK_SEL
BUCK_DIS
R-0-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 8-23. Control_Register_6 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R-0
0h
Reserved
5
RESERVED
R/W
0h
Reserved
4
BUCK_PS_DIS
R/W
0h
Buck Power Sequencing Disable Bit
0h = Buck power sequencing is enabled
1h = Buck power sequencing is disabled
3
BUCK_CL
R/W
0h
Buck Current Limit Setting
0h = Buck regulator current limit is set to 600 mA
1h = Buck regulator current limit is set to 150 mA
2-1
BUCK_SEL
R/W
0h
Buck Voltage Selection
0h = Buck voltage is 3.3 V
1h = Buck voltage is 5.0 V
2h = Buck voltage is 4.0 V
3h = Buck voltage is 5.7 V
0
BUCK_DIS
R/W
0h
Buck Disable Bit
0h = Buck regulator is enabled
1h = Buck regulator is disabled
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
www.ti.com
72
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com