Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZALVB4 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZALVB4
Description  Harmony XALD, XALK, Light block for head 횠22, red, integral LED, mounting in back of enclosure, screw clamp terminal, 24 V AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZALVB4 Datasheet(HTML) 1 Page - Schneider Electric

  ZALVB4 Datasheet HTML 1Page - Schneider Electric ZALVB4 Datasheet HTML 2Page - Schneider Electric ZALVB4 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Harmony XALD, XALK, Light block
for head Ø22, red, integral LED,
mounting in back of enclosure,
screw clamp terminal, 24 V AC/DC
ZALVB4
Product availability : Stock - Normally stocked in distribution
facility
Price* : 52.00 USD
Main
Range of Product
Harmony XAL
Product or Component Type
Light block
Device short name
ZALV
Product destination
For XB5 Ø 22 mm control and signalling units
Mounting of block
Rear mounting
Sale per indivisible quantity
5
Light source colour
Red
[Us] rated supply voltage
24 V AC/DC
Complementary
Assembly style
For customer assembly
Net Weight
0.03 lb(US) (0.015 kg)
Connections - terminals
Screw clamp terminals, <= 2 x 1.5 mm² with cable end EN/IEC 60947-1
Screw clamp terminals, >= 1 x 0.22 mm² without cable end EN/IEC 60947-1
Tightening torque
7.08…10.62 lbf.in (0.8…1.2 N.m) EN 60947-1
Shape of screw head
Cross Philips no 1
Cross pozidriv No 1
Slotted flat Ø 4 mm
Slotted flat Ø 5.5 mm
[Ui] rated insulation voltage
250 V 3)EN/IEC 60947-1
[Uimp] rated impulse withstand
voltage
4 kV EN/IEC 60947-1
Signalling type
Steady
Light source
Integrated and protected LED
Supply voltage limits
19.2…30 V DC
21.6…26.4 V AC
Current Consumption
18 mA
Service life
100000 h at rated voltage and 25 °C
Surge withstand
1 kV IEC 61000-5-1
Light block supply
Direct
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Mar 16, 2022
1


Similar Part No. - ZALVB4

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZALVB1 SCHNEIDER-ZALVB1 Datasheet
138Kb / 3P
Harmony XALD, XALK, Light block for head 횠22, white, integral LED, mounting in back of enclosure, screw clamp terminal, 24 V AC/DC
Mar 16, 2022
ZALVB3 SCHNEIDER-ZALVB3 Datasheet
138Kb / 3P
Harmony XALD, XALK, Light block for head 횠22, green, integral LED, mounting in back of enclosure, screw clamp terminal, 24 V AC/DC
Mar 16, 2022
ZALVB5 SCHNEIDER-ZALVB5 Datasheet
138Kb / 3P
Harmony XALD, XALK, Light block for head 횠22, orange, integral LED, mounting in back of enclosure, screw clamp terminal, 24 V AC/DC
Mar 16, 2022
ZALVB6 SCHNEIDER-ZALVB6 Datasheet
138Kb / 3P
Harmony XALD, XALK, Light block for head 횠22, blue, integral LED, mounting in back of enclosure, screw clamp terminal, 24 V AC/DC
Mar 16, 2022
More results

Similar Description - ZALVB4

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBVBG4 SCHNEIDER-ZBVBG4 Datasheet
135Kb / 3P
Harmony XB4, Light block for head 횠22, red, integral LED, screw clamp terminal, 24??20 V AC/DC
Oct 28, 2021
ZALVB3 SCHNEIDER-ZALVB3 Datasheet
138Kb / 3P
Harmony XALD, XALK, Light block for head 횠22, green, integral LED, mounting in back of enclosure, screw clamp terminal, 24 V AC/DC
Mar 16, 2022
ZALVB1 SCHNEIDER-ZALVB1 Datasheet
138Kb / 3P
Harmony XALD, XALK, Light block for head 횠22, white, integral LED, mounting in back of enclosure, screw clamp terminal, 24 V AC/DC
Mar 16, 2022
ZALVB5 SCHNEIDER-ZALVB5 Datasheet
138Kb / 3P
Harmony XALD, XALK, Light block for head 횠22, orange, integral LED, mounting in back of enclosure, screw clamp terminal, 24 V AC/DC
Mar 16, 2022
ZALVB6 SCHNEIDER-ZALVB6 Datasheet
138Kb / 3P
Harmony XALD, XALK, Light block for head 횠22, blue, integral LED, mounting in back of enclosure, screw clamp terminal, 24 V AC/DC
Mar 16, 2022
ZALVM1 SCHNEIDER-ZALVM1 Datasheet
138Kb / 3P
Harmony XALD, XALK, Light block for head 횠22, white, integral LED, mounting in back of enclosure, screw clamp terminal, 230...240 V AC
Mar 16, 2022
ZALVM3 SCHNEIDER-ZALVM3 Datasheet
138Kb / 3P
Harmony XALD, XALK, Light block for head 횠22, green, integral LED, mounting in back of enclosure, screw clamp terminal, 230...240 V AC
Mar 16, 2022
ZALVM4 SCHNEIDER-ZALVM4 Datasheet
138Kb / 3P
Harmony XALD, XALK, Light block for head 횠22, red, integral LED, mounting in back of enclosure, screw clamp terminal, 230...240 V AC
Mar 16, 2022
ZALVM5 SCHNEIDER-ZALVM5 Datasheet
138Kb / 3P
Harmony XALD, XALK, Light block for head 횠22, orange, integral LED, mounting in back of enclosure, screw clamp terminal, 230...240 V AC
Mar 16, 2022
ZBVJ4 SCHNEIDER-ZBVJ4 Datasheet
135Kb / 3P
Harmony XB4, Light block for head 횠22, red, integral LED, screw clamp terminal, 12 V AC/DC
Mar 21, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com