Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7821 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7821
Description  12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC7821 Datasheet HTML 9Page - Texas Instruments DAC7821 Datasheet HTML 10Page - Texas Instruments DAC7821 Datasheet HTML 11Page - Texas Instruments DAC7821 Datasheet HTML 12Page - Texas Instruments DAC7821 Datasheet HTML 13Page - Texas Instruments DAC7821 Datasheet HTML 14Page - Texas Instruments DAC7821 Datasheet HTML 15Page - Texas Instruments DAC7821 Datasheet HTML 16Page - Texas Instruments DAC7821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.ti.com
+2.5 V
(+10 V)
U4
OPA277
10 kW
10 kW
5 kW
-
£
2.5 V £
+2.5 V
V
OUT
( 10 V
-
£
£ +10 V)
V
OUT
U2
GND
I
1
OUT
R
FB
V
REF
V
DD
V
DD
V
OUT
I
2
OUT
C
1
OPA277
DAC7821
C
2
Programmable Current Source Circuit
I
L
+
(R2)R3) R1
R3
V
REF
D
(3)
Z
O +
R1 R3
(R1 R2)
R1
(R2
R3
) ) R1 (R2 R3)
(4)
R2¢
15 kW
I
L
LOAD
C1
10 pF
U3
OPA277
R1¢
150 kW
R3¢
50 W
R3
50 W
R1
150 kW
R2
15 kW
OPA277
DAC7821
GND
I
1
OUT
R
FB
V
REF
V
DD
V
DD
V
OUT
I
2
OUT
U1
U2
DAC7821
SBAS365A – OCTOBER 2005 – REVISED FEBRUARY 2006
APPLICATION INFORMATION (continued)
External resistance mismatching is the significant error in Figure 29.
Figure 29. Bipolar Output Circuit
A DAC7821 can be integrated into the circuit in Figure 30 to implement an improved Howland current pump for
precise voltage-to-current conversions. Bidirectional current flow and high voltage compliance are two features of
the circuit. With a matched resistor network, the load current of the circuit is shown by Equation 3:
The value of R3 in the previous equation can be reduced to increase the output current drive of U3. U3 can drive
±20 mA in both directions with voltage compliance limited up to 15 V by the U3 voltage supply. Elimination of the
circuit compensation capacitor C1 in the circuit is not suggested as a result of the change in the output
impedance ZO, according to Equation 4:
As shown in Equation 4, with matched resistors, ZO is infinite and the circuit is optimum for use as a current
source. However, if unmatched resistors are used, ZO is positive or negative with negative output impedance
being a potential cause of oscillation. Therefore, by incorporating C1 into the circuit, possible oscillation problems
are eliminated. The value of C1 can be determined for critical applications; for most applications, however, a
value of several pF is suggested.
Figure 30. Programmable Bidirectional Current Source Circuit
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com