Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFDS040 Datasheet(PDF) 1 Page - Littelfuse

Part # LFDS040
Description  Disconnect Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFDS040 Datasheet(HTML) 1 Page - Littelfuse

  LFDS040 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Miscellaneous Products
156
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse • POWR-GARD™ Products Catalog
Disconnect Switches
Fusible/Non-fusible
Accessories
The LFFS series fusible switches eliminate the need for a separate
fuse block by integrating a three pole fuse holder into the switch body.
This saves precious panel space and reduces wiring time. These rod-
operated devices are UL Listed and CSA Certified.
Applications
Littelfuse disconnect switches are perfect for use where the National
Electrical Code requires that a separate disconnect means be located
within sight of all motor loads. Commonly used as a main switch
or distribution switches, these units are also ideal for use as safety
switches for air conditioners, pumps and compressors. The LFDS series
disconnect switches can be used with external fuse blocks, permitting
the use of Class RK1, RK5, J and CC fuses.
Features/Benefits
•
Reduce panel costs – Compact size minimizes panel space and
reduces enclosure costs. The fusible 30 amp Class CC switch is the
smallest available in the market.
•
Reduce installation time – Panel-mount or integral DIN rail-mount
allows quick and easy mounting.
•
Flexible design – Optional accessories offer flexibility for various
applications.
•
Protect personnel – Dead-front design and optional terminal covers
minimizes exposure to live parts.
•
Lockable operator knob/handle – LFRK001 style knob meets
OSHA standard for control of hazardous energy sources. Other knobs
and handles meet IP65.
Specifications
Voltage:
600VAC
Interrupting Rating:
10,000 amperes
Required Screw Torque: 16 inch pounds
Ampere Ratings:
30–100 Amperes
Approvals:
UL Listed (File No. E166081)
CSA Certified
Ordering Information
Part Number
Description
LFFS030CC
30A Fusible Class CC Switch
LFDS030
30A Non-Fusible Switch
LFDS040
40A Non-Fusible Switch
LFDS060
60A Non-Fusible Switch
LFDS100
100A Non-Fusible Switch
Note: Handles and accessories sold separately.
LFRH001*
Red Handle
LFCB001
Add-on Contact Block (N.O.)
LFTC001
Terminal Cover (1 Pair)
LFRK001*
Red Knob
LFCB002
Add-on Contact Block (N.C.)
LFTC002
LFDS030 Terminal Cover (1 Pair)
LFBH001*
Black Handle
LFCB003
100A Add-on Contact Block (N.C.)
LFTC003
LFDS100 Terminal Cover (1 Pair)
LFBK001*
Black Knob
LFCB004
100A Add-on Contact Block (N.C.)
LFBK002**
Black Knob
LFPP001
30A Add-on Power Pole (N.O.)
SHFT002
Shaft (19.68")
LFPP002
30A Add-on Power Pole (N.C.)
SHFT003
Shaft (11.81")
SHFT005
Shaft (7.78")
* Includes mounting hardware and standard length shaft for enclosures 3.5" through 8" deep.
** Supplied with 2" shaft
Note: LFRH001, LFBH001, LFBK001 and LFBK002 are not lockable.


Similar Part No. - LFDS040

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFDS040 LITTELFUSE-LFDS040 Datasheet
204Kb / 1P
Disconnect Switches
More results

Similar Description - LFDS040

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFFS030 LITTELFUSE-LFFS030 Datasheet
204Kb / 1P
Disconnect Switches
logo
List of Unclassifed Man...
VCFN12GE ETC2-VCFN12GE Datasheet
651Kb / 4P
UL 508 Motor Disconnect Switches
OT16F3 ETC2-OT16F3 Datasheet
735Kb / 8P
Disconnect switches Non-fusible Fusible
logo
Cooper Bussmann, Inc.
RDF30CC-3 COOPER-RDF30CC-3 Datasheet
1Mb / 2P
UL489 FUSIBLE DISCONNECT SWITCHES
RDF30CC-3N COOPER-RDF30CC-3N Datasheet
1Mb / 2P
UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3-COMP COOPER-RDF30J-3-COMP Datasheet
1Mb / 2P
UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3N-COMP COOPER-RDF30J-3N-COMP Datasheet
1Mb / 2P
UL489 FUSIBLE DISCONNECT SWITCHES
logo
Littelfuse
2484 LITTELFUSE-2484 Datasheet
362Kb / 1P
2484 SERIES BATTERY DISCONNECT SWITCHES
2021 Rev: 020821-B
75908 LITTELFUSE-75908 Datasheet
407Kb / 1P
75908 SERIES SINGLE POLE BATTERY DISCONNECT SWITCHES
2019 Rev: 010719
M-284 LITTELFUSE-M-284 Datasheet
442Kb / 1P
M-284 SERIES BATTERY DISCONNECT SWITCHES
2019 Rev: 032019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com