Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4-970F Datasheet(PDF) 3 Page - Littelfuse

Part # LR4-970F
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LR4-970F Datasheet(HTML) 3 Page - Littelfuse

  LR4-970F Datasheet HTML 1Page - Littelfuse LR4-970F Datasheet HTML 2Page - Littelfuse LR4-970F Datasheet HTML 3Page - Littelfuse LR4-970F Datasheet HTML 4Page - Littelfuse LR4-970F Datasheet HTML 5Page - Littelfuse LR4-970F Datasheet HTML 6Page - Littelfuse LR4-970F Datasheet HTML 7Page - Littelfuse LR4-970F Datasheet HTML 8Page - Littelfuse LR4-970F Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Part
Number
Maximum Ambient Temperature
-40°C
A
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
80°C
85°C
125°C Typical Activation
SRP
SRP120F
1.9
1.7
1.5
1.20
1.17
1.0
0.9
0.8
0.6
0.5
0.4
SRP175F
2.5
2.2
2.0
1.75
1.68
1.4
1.3
1.2
1.0
0.9
0.8
SRP200F
3.1
2.8
2.5
2.00
1.97
1.7
1.5
1.4
1.2
1.0
0.9
SRP350F
5.3
4.8
4.3
3.50
3.44
3.0
2.7
2.5
2.1
1.8
1.7
SRP420F
6.3
5.7
5.1
4.20
4.11
3.6
3.3
3.0
2.6
2.2
2.1
LR4
LR4-190F
2.8
2.5
2.3
1.9
1.86
1.6
1.5
1.4
1.2
1.1
1.0
LR4-260F
3.8
3.4
3.1
2.6
2.54
2.2
2.0
1.9
1.7
1.4
1.3
LR4-380F
5.4
4.9
4.4
3.8
3.64
3.3
3.0
2.8
2.5
2.3
2.1
LR4-380XF
5.4
4.9
4.4
3.8
3.64
3.3
3.0
2.8
2.5
2.3
2.1
LR4-450F
6.5
5.8
5.3
4.5
4.38
3.9
3.6
3.3
2.9
2.6
2.4
LR4-550F
7.6
6.9
6.2
5.5
5.32
4.7
4.3
4.0
3.6
3.2
3.0
LR4-600F
8.7
7.8
7.1
6.0
5.86
5.2
4.7
4.4
3.9
3.4
3.2
LR4-600XF
8.7
7.8
7.1
6.0
5.86
5.2
4.7
4.4
3.9
3.4
3.2
LR4-730F
10.5
9.5
8.6
7.3
7.13
6.3
5.7
5.4
4.7
4.2
4.0
LR4-900F
12.7
11.4
10.0
9.0
8.50
7.5
6.8
6.2
5.5
4.9
4.5
LR4-1300SSF
17.9
16.2
14.5
13.0
12.40
11.1
10.3
9.5
8.6
7.7
7.2
* Product electrical characteristics determined at 25°C.
Part
Number
Maximum Ambient Temperature
-40°C
A
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
75°C
80°C
85°C
90°C
120°C Typical Activation
MXP*
MXP180
—
—
2.45
—
1.8
—
—
0.80
—
—
—
—
—
MXP190BB
—
—
2.6
—
1.9
—
—
0.85
—
—
—
—
—
MXP250K
—
—
3.6
—
2.5
—
—
1.3
—
—
—
—
—
MXP270
—
—
3.8
—
2.7
—
—
1.4
—
—
—
—
0.3
MXP310
—
—
5.0
—
3.1
—
—
1.9
—
1.0
—
—
—
MXP370BD
—
—
5.0
—
3.7
—
—
1.9
—
—
—
—
—
120˚C Typical Activation
MGP
MGP450
—
—
—
—
4.5
—
—
2.6
—
—
—
—
—
MGP500
—
—
—
—
5.0
—
—
3.0
2.0
—
—
—
—
Table B2 —Thermal Derating [Hold Current (A) at AmbientTemperature (°C)]
Part
Number
Maximum Ambient Temperature
-40°C
A
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
80°C
85°C
85°C Typical Activation
VLR*
VLR170F
3.5
2.9
2.4
1.84
1.70
1.2
1.0
0.7
0.3
—
—
VLR175F
3.5
2.9
2.4
1.87
1.75
1.3
1.0
0.8
0.3
—
—
VLR175LF
3.5
2.9
2.4
1.87
1.75
1.3
1.0
0.8
0.3
—
—
VLR230F
5.0
4.2
3.4
2.52
2.30
1.7
1.3
0.9
0.4
—
—
90°C Typical Activation
VLP*
VLP120UF
2.4
2.1
1.8
1.30
1.20
1.0
0.7
0.6
0.3
0.2
0.1
VLP175UAF
3.2
2.7
2.3
1.70
1.75
1.2
1.0
0.9
0.5
0.2
0.1
VLP210F
4.3
3.6
2.9
2.31
2.10
1.6
1.3
1.0
0.6
0.3
0.1
VLP220F
4.5
3.8
3.0
2.45
2.20
1.7
1.4
1.1
0.7
0.3
0.1
VLP270F
5.6
4.7
4.0
3.05
2.70
2.2
1.7
1.4
0.9
0.4
0.1
VTP*
VTP110F
2.0
1.7
1.4
1.12
1.10
0.85
0.75
0.7
0.4
0.2
0.1
VTP170F
3.2
2.7
2.2
1.80
1.70
1.3
1.0
0.8
0.5
0.3
0.1
VTP170XSF
3.2
2.7
2.2
1.80
1.70
1.3
1.0
0.8
0.5
0.3
0.1
VTP175F
3.2
2.7
2.2
1.84
1.75
1.3
1.0
0.8
0.5
0.3
0.1
VTP175LF
3.2
2.7
2.2
1.84
1.75
1.3
1.0
0.8
0.5
0.3
0.1
VTP210GF
4.1
3.5
2.9
2.26
2.10
1.6
1.3
1.0
0.7
0.4
0.1
VTP210SF
4.1
3.5
2.9
2.26
2.10
1.6
1.3
1.0
0.7
0.4
0.1
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
PolySwitch Resettable Devices
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com