Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR230F Datasheet(PDF) 8 Page - Littelfuse

Part # VLR230F
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

VLR230F Datasheet(HTML) 8 Page - Littelfuse

Back Button VLR230F Datasheet HTML 4Page - Littelfuse VLR230F Datasheet HTML 5Page - Littelfuse VLR230F Datasheet HTML 6Page - Littelfuse VLR230F Datasheet HTML 7Page - Littelfuse VLR230F Datasheet HTML 8Page - Littelfuse VLR230F Datasheet HTML 9Page - Littelfuse VLR230F Datasheet HTML 10Page - Littelfuse VLR230F Datasheet HTML 11Page - Littelfuse VLR230F Datasheet HTML 12Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Figures B13-B19 —TypicalTime-to-Trip Curve at 20°C
VLR (data at 25°C)
A = VLR170F
B = VLR175F
C = VLR230F
Figure B13
Fault Current (A)
100
10
1
0.10
0.01
0.001
110100
A
A
B
C
B
C
Table B4 — Dimensions in Millimeters (Inches)
(Cont’d)
Part
Number
A
B
C
D
E
F
G
Figure
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
LR4
LR4-190F
19.9
22.1
4.9
5.5
0.6
1.0
5.5
7.5
5.5
7.5
3.9
4.1
—
—
B7
(0.796) (0.884)
(0.196) (0.220)
(0.024) (0.040)
(0.220) (0.300)
(0.220) (0.300)
(0.156) (0.164)
—
—
LR4-260F
20.9
23.1
4.9
5.5
0.6
1.0
4.1
5.5
4.1
5.5
3.9
4.1
—
—
B7
(0.836) (0.924)
(0.196) (0.220)
(0.024) (0.040)
(0.164) (0.220)
(0.164) (0.220)
(0.156) (0.164)
—
—
LR4-380F
24.0
26.0
6.9
7.5
0.6
1.0
4.1
5.5
4.1
5.5
4.9
5.1
—
—
B7
(0.960) (1.040)
(0.276) (0.300)
(0.024) (0.040)
(0.164) (0.220)
(0.164) (0.220)
(0.196) (0.204)
—
—
LR4-380XF
32.2
35.8
4.9
5.5
0.6
1.0
5.5
7.5
5.5
7.5
3.9
4.1
—
—
B7
(1.288) (1.432)
(0.196) (0.220)
(0.024) (0.040)
(0.220) (0.300)
(0.220) (0.300)
(0.156) (0.164)
—
—
LR4-450F
24.0
26
9.9
10.5
0.6
1.0
5.3
6.7
5.3
6.7
5.9
6.1
—
—
B7
(0.960) (1.040)
(0.396) (0.420)
(0.024) (0.040)
(0.212) (0.268)
(0.212) (0.268)
(0.236) (0.244)
—
—
LR4-550F
35.0
37.0
6.9
7.5
0.6
1.0
5.3
6.7
5.3
6.7
4.9
5.1
—
—
B7
(1.400) (1.480)
(0.276) (0.300)
(0.024) (0.040)
(0.212) (0.268)
(0.212) (0.268)
(0.196) (0.204)
—
—
LR4-600F
24.0
26.0
13.9
14.5
0.6
1.0
4.1
5.5
4.1
5.5
5.9
6.1
—
—
B7
(0.960) (1.040)
(0.556) (0.580)
(0.024) (0.040)
(0.164) (0.220)
(0.164) (0.220)
(0.236) (0.244)
—
—
LR4-600XF
40.5
42.7
6.9
7.5
0.6
1.0
5.2
6.8
5.2
6.8
4.9
5.1
—
—
B7
(1.620) (1.708)
(0.276) (0.300)
(0.024) (0.040)
(0.208) (0.272)
(0.208) (0.272)
(0.196) (0.204)
—
—
LR4-730F
27.1
29.1
13.9
14.5
0.6
1.0
4.1
5.5
4.1
5.5
5.9
6.1
—
—
B7
(1.084) (1.164)
(0.556) (0.580)
(0.024) (0.040)
(0.164) (0.220)
(0.164) (0.220)
(0.236) (0.244)
—
—
LR4-900F
45.4
47.6
7.9
8.5
0.9
1.3
4.6
6.2
4.6
6.2
5.9
6.1
—
—
B7
(1.816) (1.904)
(0.316) (0.340)
(0.036) (0.052)
(0.184) (0.248)
(0.184) (0.248)
(0.236) (0.244)
—
—
LR4-1300SSF
61.5
66.5
9.4
10.0
0.9
1.3
5.0
7.5
5.0
7.5
5.9
6.1
—
—
B8
(2.460) (2.660)
(0.376) (0.400)
(0.036) (0.052)
(0.200) (0.300)
(0.200) (0.300)
(0.236) (0.244)
—
—
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
PolySwitch Resettable Devices
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com