Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVSP10-R Datasheet(PDF) 1 Page - Littelfuse

Part # LVSP10-R
Description  LVSP Surge Suppression Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LVSP10-R Datasheet(HTML) 1 Page - Littelfuse

  LVSP10-R Datasheet HTML 1Page - Littelfuse LVSP10-R Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Littelfuse.com
© 2020 Littelfuse, Inc.
Rev: 081220
1 of 2
POWR-GARD® Fuse Datasheet
LVSP Surge Suppression Fuse
600 V ac • 5-100 kA
Description
The Littelfuse Varistor Protection (LVSP) Fuses are intended
for the protection of TVSS products. The LVSP series has
been designed to survive the 8 x 20 µs lightning surges
described in various standards (UL 1449, IEC 61000-4-5
and IEEE C62.41) without opening. This allows the TVSS to
perform the necessary suppression. The LVSP is not rated
for continuous current and the ratings are specific 8 x 20 µs
surge capability. The LVSP series can be used to facilitate
TVSS module compliance to UL 1449 in permanently
connected applications (abnormal overvoltage, unlimited
current conditions).
Features/Benefits

Very current limiting under AC short-circuit conditions

Available in multiple mounting configurations
(cartridge, bolt-in, PC board mount)

Provides short circuit protection in TVSS systems and
complements the Littelfuse line of overvoltage products
(HA, HB34, TMOV® and iTMOV® varistors as well
as the AK-10 series TVS diodes)
Applications

TVSS products

Surge arrestors
Recommended Fuse Blocks
LVSP (5-20)-2
L60030M (open block) • LPSM (dead front)
LVSP (30-80)-2
LFJ60030 (open block) • LFPSJ30 (dead front)
LVSP (100)
LFJ60100 (open block)
Web Resources
Download other technical information:
littelfuse.com/lvsp
Specifications
Voltage Rating
600 V ac
Interrupting Rating
200 kA
Ratings
5 – 100 kA 8 x 20 µs surge withstand
Approvals
UL Recognized (File: E71611)
Environmental
RoHs Compliant
MOUNTING
METHOD
CATALOG
NUMBER
ORDERING
NUMBER
LVSP
5
0005
10
CARTRIDGE
LVSP05-2
LVSP0005TX2
LVSP
15
0015
10
CARTRIDGE
LVSP15-2
LVSP0015TX2
LVSP
20
0020
100
LEADED
LVSP20-R
LVSP0020HXR
LVSP
80
0080
10
BOLT-IN
LVSP80
LVSP0080T
Part Numbering System
LVSP xxxx H XR
Package Quantity
Series
Mounting Options
Rating Code
T = 10
H = 100 (cartridge & leaded only)
X2 = Cartridge
XR = Leaded
Blank = Bolt-In
Refer to Rating Code
Column in Electrical
Specifications Table
Electrical Specifications
CARTRIDGE
LEADED
BOLT-IN
8 X 20 µS
SURGE
RATING
NOMINAL
MELTING
I2T (A2S)
NOMINAL
CLEARING
I2T (A2S)
Ipeak@100 kA
60 HZ (A)
CATALOG
NUMBER
ORDERING
NUMBER
CATALOG
NUMBER
ORDERING
NUMBER
CATALOG
NUMBER
ORDERING
NUMBER
5
0005
600
200
LVSP5-2 LVSP0005TX2 LVSP5-R LVSP0005TXR
–
–
5,000
359
981
3,700
10
0010
600
200
LVSP10-2 LVSP0010TX2 LVSP10-R LVSP0010TXR
–
–
10,000
1,300
3,210
5,823
15
0015
600
200
LVSP15-2 LVSP0015TX2 LVSP15-R LVSP0015TXR
–
–
15,000
3,267
6,235
7,765
20
0020
600
200
LVSP20-2 LVSP0020TX2 LVSP20-R LVSP0020TXR
–
–
20,000
4,940
11,710
8,135
30
0030
600
200
LVSP30-2 LVSP0030TX2
–
–
LVSP30
LVSP0030T
30,000
11,950
35,325
12,478
40
0040
600
200
LVSP40-2 LVSP0040TX2
–
–
LVSP40
LVSP0040T
40,000
20,550
61,700
15,250
60
0060
600
200
LVSP60-2 LVSP0060TX2
–
–
LVSP60
LVSP0060T
60,000
39,240
145,555
19,604
80
0080
600
200
LVSP80-2 LVSP0080TX2
–
–
LVSP80
LVSP0080T
80,000
75,000
254,000
24,600
100
0100
600
200
–
–
–
–
LVSP100-L LVSP0100VXL 100,000
160,747
413,000
36,600


Similar Part No. - LVSP10-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LVSP10 LITTELFUSE-LVSP10 Datasheet
89Kb / 2P
Blade Terminal & Special Purpose Fuses - Surge Fuses
LVSP100 LITTELFUSE-LVSP100 Datasheet
89Kb / 2P
Blade Terminal & Special Purpose Fuses - Surge Fuses
More results

Similar Description - LVSP10-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MJS100 BEL-MJS100 Datasheet
89Kb / 2P
Lightning Surge Withstand Fuse
logo
Vishay Siliconix
2381582X110Y VISHAY-2381582X110Y Datasheet
337Kb / 21P
High Surge Suppression Varistors
09-Oct-08
logo
Bel Fuse Inc.
MJS100-R BEL-MJS100-R Datasheet
1Mb / 4P
TYPE MJS LIGHTNING SURGE WITHSTAND FUSE
logo
List of Unclassifed Man...
TLM626SA ETC2-TLM626SA Datasheet
497Kb / 4P
Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial/Automotive/Factory
logo
AVX Corporation
MV1018J104MAA1 AVX-MV1018J104MAA1 Datasheet
106Kb / 2P
Varistor/Capacitor Combination for EMI/Surge Suppression
logo
Mallory Sonalert Produc...
SCE048XA3PS1B MSPI-SCE048XA3PS1B Datasheet
68Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression
SCE048XA3SD5B MSPI-SCE048XA3SD5B Datasheet
68Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
SCE048XA3SP1B MSPI-SCE048XA3SP1B Datasheet
68Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
SCE048XA3SU2B MSPI-SCE048XA3SU2B Datasheet
68Kb / 1P
Supply voltage shall employ Transient Voltage Surge Suppression.
logo
Advantech Co., Ltd.
BB-485FPP ADVANTECH-BB-485FPP Datasheet
157Kb / 1P
RS-422/485 Surge Suppressor – with fuse protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com