Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVSP15-R Datasheet(PDF) 2 Page - Littelfuse

Part # LVSP15-R
Description  LVSP Surge Suppression Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LVSP15-R Datasheet(HTML) 2 Page - Littelfuse

  LVSP15-R Datasheet HTML 1Page - Littelfuse LVSP15-R Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Littelfuse.com
© 2020 Littelfuse, Inc.
Rev: 081220
2 of 2
POWR-GARD® Fuse Datasheet
LVSP Surge Suppression Fuse
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse
products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
.328
(8.33)
1.5
(38.1)
.410
(10.41)
2.25
(57.15)
.812
(20.62)
.328
(8.33)
1.53
(38.86)
.410
(10.41)
Cartridge 5-20 A
Bolt-In 30-80 A
Cartridge 30-80 A
Bolt-In 100 A
Leaded 5-20 A
Dimensions Inches (mm)
1.00
(25.4)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com