Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP4N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP4N50
Description  4 AMPS 450-500 V, 1.5-ohm / 2.0-ohm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP4N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP4N50 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WWW.ALLDATASHEET.COM
Copyright © Each Manufacturing Company.
All Datasheets cannot be modified without permission.
This datasheet has been download from :
www.AllDataSheet.com
100% Free DataSheet Search Site.
Free Download.
No Register.
Fast Search System.
www.AllDataSheet.com


Similar Part No. - IXTP4N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP4N60P IXYS-IXTP4N60P Datasheet
147Kb / 5P
PolarHV Power MOSFET
logo
Inchange Semiconductor ...
IXTP4N60P ISC-IXTP4N60P Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTP4N65X2 IXYS-IXTP4N65X2 Datasheet
244Kb / 5P
Preliminary Technical Information
logo
Inchange Semiconductor ...
IXTP4N65X2 ISC-IXTP4N65X2 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTP4N70X2 IXYS-IXTP4N70X2 Datasheet
330Kb / 6P
N-Channel Enhancement Mode
More results

Similar Description - IXTP4N50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD2N50E MOTOROLA-MTD2N50E Datasheet
299Kb / 10P
TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP2N50E MOTOROLA-MTP2N50E Datasheet
244Kb / 8P
TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
logo
Solid States Devices, I...
SFF430M SSDI-SFF430M Datasheet
233Kb / 2P
4.5 AMP 500 Volts 1.5 OHM N-Channel POWER MOSFET
logo
ON Semiconductor
NDF05N50ZH ONSEMI-NDF05N50ZH Datasheet
144Kb / 12P
N-Channel Power MOSFET 500 V, 1.5 Ohm
February, 2013 ??Rev. 6
NDF11N50ZH ONSEMI-NDF11N50ZH Datasheet
120Kb / 7P
N-Channel Power MOSFET 500 V, 0.52 Ohm
February, 2013 ??Rev. 4
NDF04N60ZH ONSEMI-NDF04N60ZH Datasheet
140Kb / 9P
N-Channel Power MOSFET 600 V, 2.0 Ohm
June, 2013 ??Rev. 8
logo
Fairchild Semiconductor
FQN1N50CTA FAIRCHILD-FQN1N50CTA Datasheet
3Mb / 8P
N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
FQB1P50TM FAIRCHILD-FQB1P50TM Datasheet
726Kb / 9P
P-Channel QFET MOSFET - 500 V, - 1.5 A, 10.5 Ohm
logo
STMicroelectronics
STP5NK65ZFP STMICROELECTRONICS-STP5NK65ZFP Datasheet
621Kb / 12P
N-channel 650 V, 1.5 ohm, 4.5 A TO-220FP
16-Apr-2009
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com