Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072CD Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TL072CD
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072CD Datasheet(HTML) 57 Page - Texas Instruments

Back Button TL072CD Datasheet HTML 53Page - Texas Instruments TL072CD Datasheet HTML 54Page - Texas Instruments TL072CD Datasheet HTML 55Page - Texas Instruments TL072CD Datasheet HTML 56Page - Texas Instruments TL072CD Datasheet HTML 57Page - Texas Instruments TL072CD Datasheet HTML 58Page - Texas Instruments TL072CD Datasheet HTML 59Page - Texas Instruments TL072CD Datasheet HTML 60Page - Texas Instruments TL072CD Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
TUBE
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
81023052A
FK
LCCC
20
1
506.98
12.06
2030
NA
81023062A
FK
LCCC
20
1
506.98
12.06
2030
NA
TL071ACD
D
SOIC
8
75
507
8
3940
4.32
TL071ACDG4
D
SOIC
8
75
507
8
3940
4.32
TL071ACP
P
PDIP
8
50
506
13.97
11230
4.32
TL071BCD
D
SOIC
8
75
507
8
3940
4.32
TL071BCP
P
PDIP
8
50
506
13.97
11230
4.32
TL071CD
D
SOIC
8
75
507
8
3940
4.32
TL071CD
D
SOIC
8
75
506.6
8
3940
4.32
TL071CP
P
PDIP
8
50
506
13.97
11230
4.32
TL071CPE4
P
PDIP
8
50
506
13.97
11230
4.32
TL071ID
D
SOIC
8
75
507
8
3940
4.32
TL071IP
P
PDIP
8
50
506
13.97
11230
4.32
TL072ACD
D
SOIC
8
75
507
8
3940
4.32
TL072ACDE4
D
SOIC
8
75
507
8
3940
4.32
TL072ACP
P
PDIP
8
50
506
13.97
11230
4.32
TL072ACPE4
P
PDIP
8
50
506
13.97
11230
4.32
TL072BCD
D
SOIC
8
75
507
8
3940
4.32
TL072BCDE4
D
SOIC
8
75
507
8
3940
4.32
TL072BCDG4
D
SOIC
8
75
507
8
3940
4.32
TL072BCP
P
PDIP
8
50
506
13.97
11230
4.32
TL072BCPE4
P
PDIP
8
50
506
13.97
11230
4.32
TL072CD
D
SOIC
8
75
506.6
8
3940
4.32
TL072CD
D
SOIC
8
75
507
8
3940
4.32
TL072CDE4
D
SOIC
8
75
506.6
8
3940
4.32
TL072CDE4
D
SOIC
8
75
507
8
3940
4.32
TL072CDG4
D
SOIC
8
75
506.6
8
3940
4.32
TL072CDG4
D
SOIC
8
75
507
8
3940
4.32
PACKAGE MATERIALS INFORMATION
www.ti.com
13-Feb-2022
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com