Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS5113PL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFS5113PL
Description  Power MOSFET ??0 V, 14 m, ??4 A, Single P?묬hannel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS5113PL Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFS5113PL Datasheet HTML 1Page - ON Semiconductor NTMFS5113PL Datasheet HTML 2Page - ON Semiconductor NTMFS5113PL Datasheet HTML 3Page - ON Semiconductor NTMFS5113PL Datasheet HTML 4Page - ON Semiconductor NTMFS5113PL Datasheet HTML 5Page - ON Semiconductor NTMFS5113PL Datasheet HTML 6Page - ON Semiconductor NTMFS5113PL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
To learn more about onsemi™, please visit our website at
www.onsemi.com
ON Semiconductor
Is Now
onsemi and       and other names, marks, and brands are registered and/or common law trademarks of Semiconductor Components Industries, LLC dba “onsemi” or its affiliates and/or
subsidiaries in the United States and/or other countries. onsemi owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of onsemi
product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf. onsemi reserves the right to make changes at any time to any products or information herein, without
notice. The information herein is provided “as-is” and onsemi makes no warranty, representation or guarantee regarding the accuracy of the information, product features, availability, functionality,
or suitability of its products for any particular purpose, nor does onsemi assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all
liability, including without limitation special, consequential or incidental damages. Buyer is responsible for its products and applications using onsemi products, including compliance with all laws,
regulations and safety requirements or standards, regardless of any support or applications information provided by onsemi. “Typical” parameters which may be provided in onsemi data sheets and/
or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application
by customer’s technical experts. onsemi does not convey any license under any of its intellectual property rights nor the rights of others. onsemi products are not designed, intended, or authorized
for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for
implantation in the human body. Should Buyer purchase or use onsemi products for any such unintended or unauthorized application, Buyer shall indemnify and hold onsemi and its officers, employees,
subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that onsemi was negligent regarding the design or manufacture of the part. onsemi is an Equal Opportunity/Affirmative
Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. Other names and brands may be claimed as the property of others.


Similar Part No. - NTMFS5113PL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS5830NL ONSEMI-NTMFS5830NL Datasheet
114Kb / 6P
Power MOSFET 40 V, 172 A, 2.3 m
June, 2012 ??Rev. 2
NTMFS5830NLT1G ONSEMI-NTMFS5830NLT1G Datasheet
114Kb / 6P
Power MOSFET 40 V, 172 A, 2.3 m
June, 2012 ??Rev. 2
NTMFS5832NL ONSEMI-NTMFS5832NL Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5832NL ONSEMI-NTMFS5832NL Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
More results

Similar Description - NTMFS5113PL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD20P06L ONSEMI-NTD20P06L Datasheet
119Kb / 7P
Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
NVTFS5116PL ONSEMI-NVTFS5116PL Datasheet
122Kb / 6P
Power MOSFET ??0 V, ??4 A, 52 m, Single P?묬hannel
January, 2011 ??Rev. 0
NVD5117PL ONSEMI-NVD5117PL Datasheet
146Kb / 6P
??0 V, 16 m, ??1 A, Single P?묬hannel
September, 2011 ??Rev. 0
NVTFS5124PL ONSEMI-NVTFS5124PL Datasheet
127Kb / 6P
Power MOSFET ??0 V, ?? A, 260 m, Single P?묬hannel
May, 2013 ??Rev. 2
NTLUS3A18PZTCG ONSEMI-NTLUS3A18PZTCG Datasheet
153Kb / 6P
Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NTDV20P06LT4G ONSEMI-NTDV20P06LT4G Datasheet
156Kb / 7P
Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com