Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072C8 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32F072C8
Description  Arm®-based 32-bit MCU, up to 128 KB Flash, crystal-less USB FS 2.0, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072C8 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F072C8 Datasheet HTML 35Page - STMicroelectronics STM32F072C8 Datasheet HTML 36Page - STMicroelectronics STM32F072C8 Datasheet HTML 37Page - STMicroelectronics STM32F072C8 Datasheet HTML 38Page - STMicroelectronics STM32F072C8 Datasheet HTML 39Page - STMicroelectronics STM32F072C8 Datasheet HTML 40Page - STMicroelectronics STM32F072C8 Datasheet HTML 41Page - STMicroelectronics STM32F072C8 Datasheet HTML 42Page - STMicroelectronics STM32F072C8 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
DS9826 Rev 6
39/128
STM32F072x8 STM32F072xB
Pinouts and pin descriptions
43
K5
33
H5
24
-
-
PC4
I/O
TTa
-
EVENTOUT,
USART3_TX
ADC_IN14
L5
34
H6
25
-
-
PC5
I/O
TTa
-
TSC_G3_IO1,
USART3_RX
ADC_IN15,
WKUP5
M5
35
F5
26
18
G5
PB0
I/O
TTa
-
TIM3_CH3, TIM1_CH2N,
TSC_G3_IO2,
EVENTOUT,
USART3_CK
ADC_IN8
M6
36
G5
27
19
G4
PB1
I/O
TTa
-
TIM3_CH4,
USART3_RTS,
TIM14_CH1,
TIM1_CH3N,
TSC_G3_IO3
ADC_IN9
L6
37
G6
28
20
G3
PB2
I/O
FT
-
TSC_G3_IO4
-
M7
38
-
-
-
-
PE7
I/O
FT
-
TIM1_ETR
-
L7
39
-
-
-
-
PE8
I/O
FT
-
TIM1_CH1N
-
M8
40
--
--
PE9
I/O
FT
-
TIM1_CH1
-
L8
41
-
-
-
-
PE10
I/O
FT
-
TIM1_CH2N
-
M9
42
--
--
PE11
I/O
FT
-
TIM1_CH2
-
L9
43
-
-
-
-
PE12
I/O
FT
-
SPI1_NSS, I2S1_WS,
TIM1_CH3N
-
M10 44
-
-
-
-
PE13
I/O
FT
-
SPI1_SCK, I2S1_CK,
TIM1_CH3
-
M11 45
-
-
-
-
PE14
I/O
FT
-
SPI1_MISO, I2S1_MCK,
TIM1_CH4
-
M12 46
-
-
-
-
PE15
I/O
FT
-
SPI1_MOSI, I2S1_SD,
TIM1_BKIN
-
L10
47
G7
29
21
E3
PB10
I/O
FT
-
SPI2_SCK, I2C2_SCL,
USART3_TX, CEC,
TSC_SYNC, TIM2_CH3
-
L11
48H730
22
G2
PB11
I/O
FT
-
USART3_RX,
TIM2_CH4,
EVENTOUT,
TSC_G6_IO1,
I2C2_SDA
-
F12
49D531
23
D3
VSS
S
-
-
Ground
Table 14. STM32F072x8/xB pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin
type
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com