Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F105XX Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F105XX
Description  Connectivity line, ARM®-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105XX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F105XX Datasheet HTML 9Page - STMicroelectronics STM32F105XX Datasheet HTML 10Page - STMicroelectronics STM32F105XX Datasheet HTML 11Page - STMicroelectronics STM32F105XX Datasheet HTML 12Page - STMicroelectronics STM32F105XX Datasheet HTML 13Page - STMicroelectronics STM32F105XX Datasheet HTML 14Page - STMicroelectronics STM32F105XX Datasheet HTML 15Page - STMicroelectronics STM32F105XX Datasheet HTML 16Page - STMicroelectronics STM32F105XX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
DocID15274 Rev 10
13/108
STM32F105xx, STM32F107xx
Description
107
2.3
Overview
Figure 1. STM32F105xx and STM32F107xx connectivity line block diagram
1. TA = –40 °C to +85 °C (suffix 6, see Table 62) or –40 °C to +105 °C (suffix 7, see Table 62), junction temperature up to
105 °C or 125 °C, respectively.
2. AF = alternate function on I/O port pin.
PA[ 15:0]
EXT.IT
WWDG
12bi t ADC1
16 ADC12_INs
common to
ADC1 & ADC2
JTDI
JTCK/SWCLK
JTMS/SWDIO
NJTRST
JTDO
NRST
VDD = 2 to 3.6 V
80 AF
PB[ 15:0]
PC[15:0]
AHB to
APB2
CAN1_RX as AF
2x(8x16b it)
WKUP
GPIO port A
P
GPIO port B
P
Fmax: 72 MHz
VSS
SCL,SDA,SMBA
I2C2
GP DMA1
TIM2
TIM3
XTAL osc
3-25 MHz
XTAL 32kHz
OSC_IN
OSC_OUT
C_O
OSC32_OUT
OSC32_IN
HCLK
as AF
Flash 256 KB
Voltage reg.
3.3 V to 1.8 V
VDD18
Power
Backup interface
as A F
TIM4
64 bit
RTC
RC HS
Cortex-M3 CPU
Ibus
Dbus
SRAM 512B
USART1
USART2
SPI2 / I2S2
(1)
bx CAN1
7 channels
Bac kup
register
4 Channels
TIM1
4 compl. Channels
SCL,SDA, SMBA
I2C1
as AF
RX,TX, CTS, RTS,
USART3
Temp sensor
PD[15:0]
PE[15:0]
BKIN, ETR input as AF
4 Channels , ETR
4 Channels , ETR
4 Channels , ETR
FCLK
RC LS
Standby
IWDG
@VDD
@V
BAT
POR / PDR
Supply
supervision
@VDDA
VDDA
VSSA
@VDDA
VBAT=1.8 V to 3.6 V
CK as AF
RX,TX, CTS, RTS,
CK as AF
RX,TX, CTS, RTS,
CK as AF
NVIC
SPI1
MOSI,MISO,
SCK,NSS as AF
12bit ADC2
IF
IF
interface
PVD
Reset
Int
@VDD
AHB to
APB1
AWU
POR
TAMPER-RTC/
ALARM/SECOND OUT
System
2x(8x16b it)
SPI3 / I2S3
UART4
RX,TX as AF
UART5
RX,TX as AF
TIM5
4 Channel s, ETR
Reset &
clock
control
12bit DAC1
IF
IF
IF
12bit DAC 2
@VDDA
USB OTG FS
SOF
VBUS
ID
DM
DP
SRAM
64 KB
GP DMA2
5 channels
TIM6
TIM7
CAN1_TX as AF
SW/JTAG
TPIU
ETM
Trace/Trig
TRACECLK
TRACED[0:3]
as AF
as AF
as AF
as AF
as A F
Ethernet MAC
10/100
SRAM 1.25 KB
DPRAM 2 KB DPRAM 2 KB
MII_TXD[3:0]/RMII_TXD[1:0]
MII_TX_CLK/RMII_TX_CLK
MII_TX_EN/RMII_TX_EN
MII_RXD[3:0]/RMII_RXD[1:0]
MII_RX_ER/RMII_RX_ER
MII_RX_CLK/RMII_REF_CLK
MII_RX_DV/RMII_CRS_DV
MII_CRS
MII_COL/RMII_COL
MDC
MDIO
PPS_OUT
bx CAN2
CAN2_RX as AF
CAN2_TX a
s AF
ai15411
DAC_OUT1 as AF
DAC_OUT2 as AF
@VDDA
PLL
GPIO port C
GPIO port D
GPIO port E
V
REF+
V
REF–
MOSI/SD, MISO, MCK,
SCK/CK, NSS/WS as AF
MOSI/SD, MISO, MCK,
SCK/CK, NSS/WS as AF
PCLK1
PCLK2
PLL2
PLL3
PLL3
DMA Ethernet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com