Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072R8 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32F072R8
Description  Arm®-based 32-bit MCU, up to 128 KB Flash, crystal-less USB FS 2.0, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072R8 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32F072R8 Datasheet HTML 33Page - STMicroelectronics STM32F072R8 Datasheet HTML 34Page - STMicroelectronics STM32F072R8 Datasheet HTML 35Page - STMicroelectronics STM32F072R8 Datasheet HTML 36Page - STMicroelectronics STM32F072R8 Datasheet HTML 37Page - STMicroelectronics STM32F072R8 Datasheet HTML 38Page - STMicroelectronics STM32F072R8 Datasheet HTML 39Page - STMicroelectronics STM32F072R8 Datasheet HTML 40Page - STMicroelectronics STM32F072R8 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 128 page
background image
DS9826 Rev 6
37/128
STM32F072x8 STM32F072xB
Pinouts and pin descriptions
43
C1
7
A2
2
2
D5
PC13
I/O
TC
(1)
(2)
-
WKUP2,
RTC_TAMP1,
RTC_TS,
RTC_OUT
D1
8
A1
3
3
C7
PC14-
OSC32_IN
(PC14)
I/O
TC
(1)
(2)
-
OSC32_IN
E1
9
B1
4
4
C6
PC15-
OSC32_OUT
(PC15)
I/O
TC
(1)
(2)
-
OSC32_OUT
F2
10
-
-
-
-
PF9
I/O
FT
-
TIM15_CH1
-
G2
11
-
-
-
PF10
I/O
FT
-
TIM15_CH2
-
F1
12
C1
5
5
D7
PF0-OSC_IN
(PF0)
I/O
FT
-
CRS_ SYNC
OSC_IN
G1
13
D1
6
6
D6
PF1-OSC_OUT
(PF1)
I/O
FT
-
-
OSC_OUT
H2
14
E1
7
7
E7
NRST
I/O
RST
-
Device reset input / internal reset output
(active low)
H1
15
E3
8
-
-
PC0
I/O
TTa
-
EVENTOUT
ADC_IN10
J2
16
E2
9
-
-
PC1
I/O
TTa
-
EVENTOUT
ADC_IN11
J3
17
F2
10
-
-
PC2
I/O
TTa
-
SPI2_MISO, I2S2_MCK,
EVENTOUT
ADC_IN12
K2
18
G1
11
-
-
PC3
I/O
TTa
-
SPI2_MOSI, I2S2_SD,
EVENTOUT
ADC_IN13
J1
19
-
-
-
-
PF2
I/O
FT
-
EVENTOUT
WKUP8
K1
20
F1
12
8
E6
VSSA
S
-
-
Analog ground
M1
21
H1
13
9
F7
VDDA
S
-
-
Analog power supply
L1
22
-
-
-
-
PF3
I/O
FT
-
EVENTOUT
L2
23
G2
14
10
F6
PA0
I/O
TTa
-
USART2_CTS,
TIM2_CH1_ETR,
COMP1_OUT,
TSC_G1_IO1,
USART4_TX
RTC_ TAMP2,
WKUP1,
ADC_IN0,
COMP1_INM6
Table 14. STM32F072x8/xB pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin
type
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com