Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G030F6 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32G030F6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030F6 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32G030F6 Datasheet HTML 30Page - STMicroelectronics STM32G030F6 Datasheet HTML 31Page - STMicroelectronics STM32G030F6 Datasheet HTML 32Page - STMicroelectronics STM32G030F6 Datasheet HTML 33Page - STMicroelectronics STM32G030F6 Datasheet HTML 34Page - STMicroelectronics STM32G030F6 Datasheet HTML 35Page - STMicroelectronics STM32G030F6 Datasheet HTML 36Page - STMicroelectronics STM32G030F6 Datasheet HTML 37Page - STMicroelectronics STM32G030F6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
Pinouts, pin description and alternate functions
STM32G030x6/x8
34/94
DS12991 Rev 4
-
20 27 42
PB3
I/O
FT
-
SPI1_SCK/I2S1_CK,
TIM1_CH2,
USART1_RTS_DE_CK,
EVENTOUT
-
-
20 28 43
PB4
I/O
FT
-
SPI1_MISO/I2S1_MCK,
TIM3_CH1, USART1_CTS,
TIM17_BK, EVENTOUT
-
8 20 29 44
PB5
I/O
FT
-
SPI1_MOSI/I2S1_SD,
TIM3_CH2, TIM16_BK,
I2C1_SMBA
WKUP6
8 20 30 45
PB6
I/O
FT_f
-
USART1_TX, TIM1_CH3,
TIM16_CH1N, SPI2_MISO,
I2C1_SCL, EVENTOUT
-
-
-
-
46
PB7
I/O
FT_f
-
USART1_RX, SPI2_MOSI,
TIM17_CH1N, I2C1_SDA,
EVENTOUT
-
1
1
31
-
PB7
I/O
FT_fa
-
USART1_RX, SPI2_MOSI,
TIM17_CH1N, I2C1_SDA,
EVENTOUT
ADC_IN11
1
1
32 47
PB8
I/O
FT_f
-
SPI2_SCK, TIM16_CH1,
I2C1_SCL, EVENTOUT
-
1
2
1
48
PB9
I/O
FT_f
-
IR_OUT, TIM17_CH1,
SPI2_NSS, I2C1_SDA,
EVENTOUT
-
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of
current (3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (for example to drive a LED).
2. After an RTC domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the
content of the RTC registers. The RTC registers are not reset upon system reset. For details on how to manage
these GPIOs, refer to the RTC domain and RTC register descriptions in the RM0444 reference manual.
3. As in SO8N device, the PA0, PA1, and PA2 GPIOs are bonded with NRST on the pin 4, low level applied to any of
these GPIOs provokes the device reset. To prevent the risk of spurious resets, keep these GPIOs configured at all
times as analog or digital inputs (as opposed to output or alternate function).
4. Pins PA9 and PA10 can be remapped in place of pins PA11 and PA12 (default mapping), using SYSCFG_CFGR1
register.
5. Upon reset, these pins are configured as SW debug alternate functions, and the internal pull-up on PA13 pin and the
internal pull-down on PA14 pin are activated.
Table 12. Pin assignment and description (continued)
Pin
Pin name
(function
upon reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com