Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072CB Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32F072CB
Description  Arm®-based 32-bit MCU, up to 128 KB Flash, crystal-less USB FS 2.0, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072CB Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F072CB Datasheet HTML 37Page - STMicroelectronics STM32F072CB Datasheet HTML 38Page - STMicroelectronics STM32F072CB Datasheet HTML 39Page - STMicroelectronics STM32F072CB Datasheet HTML 40Page - STMicroelectronics STM32F072CB Datasheet HTML 41Page - STMicroelectronics STM32F072CB Datasheet HTML 42Page - STMicroelectronics STM32F072CB Datasheet HTML 43Page - STMicroelectronics STM32F072CB Datasheet HTML 44Page - STMicroelectronics STM32F072CB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
DS9826 Rev 6
41/128
STM32F072x8 STM32F072xB
Pinouts and pin descriptions
43
D11
67D741
29
D1
PA8
I/O
FT
(3)
USART1_CK,
TIM1_CH1,
EVENTOUT, MCO,
CRS_SYNC
-
D10
68C742
30
D2
PA9
I/O
FT
(3)
USART1_TX,
TIM1_CH2,
TIM15_BKIN,
TSC_G4_IO1
-
C12
69C643
31
C2
PA10
I/O
FT
(3)
USART1_RX,
TIM1_CH3,
TIM17_BKIN,
TSC_G4_IO2
-
B12
70C844
32
C1
PA11
I/O
FT
(3)
CAN_RX,
USART1_CTS,
TIM1_CH4,
COMP1_OUT,
TSC_G4_IO3,
EVENTOUT
USB_DM
A12
71B845
33
C3
PA12
I/O
FT
(3)
CAN_TX, USART1_RTS,
TIM1_ETR,
COMP2_OUT,
TSC_G4_IO4,
EVENTOUT
USB_DP
A11
72A846
34
B3
PA13
I/O
FT
(3)
(4)
IR_OUT, SWDIO,
USB_NOE
-
C11
73
-
-
-
-
PF6
I/O
FT
(3)
--
F11
74D647
35
B1
VSS
S
-
-
Ground
G11
75
E6
48
36
B2
VDDIO2
S
-
-
Digital power supply
A10
76A749
37
A1
PA14
I/O
FT
(3)
(4)
USART2_TX, SWCLK
-
A9
77
A6
50
38
A2
PA15
I/O
FT
(3)
SPI1_NSS, I2S1_WS,
USART2_RX,
USART4_RTS,
TIM2_CH1_ETR,
EVENTOUT
-
B11
78B751
-
-
PC10
I/O
FT
(3)
USART3_TX,
USART4_TX
-
Table 14. STM32F072x8/xB pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin
type
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com