Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L100RC Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32L100RC
Description  Ultra-low-power 32b MCU ARM®-based Cortex®-M3, 256KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100RC Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32L100RC Datasheet HTML 98Page - STMicroelectronics STM32L100RC Datasheet HTML 99Page - STMicroelectronics STM32L100RC Datasheet HTML 100Page - STMicroelectronics STM32L100RC Datasheet HTML 101Page - STMicroelectronics STM32L100RC Datasheet HTML 102Page - STMicroelectronics STM32L100RC Datasheet HTML 103Page - STMicroelectronics STM32L100RC Datasheet HTML 104Page - STMicroelectronics STM32L100RC Datasheet HTML 105Page - STMicroelectronics STM32L100RC Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 105 / 106 page
background image
DocID024995 Rev 5
105/106
STM32L100RC
105
28-Aug-2017
5
Updated Table 41: I/O static characteristics pull-up and pull-down values.
Updated Table 44: NRST pin characteristics pull-up values.
Updated Section 7: Package information adding information about other
optional marking or inset/upset marks.
Updated note 1 below all the package device marking figures.
Updated Section 7: Package information replacing “Marking of
engineering samples” by “device marking”.
Updated all the notes, removing ‘not tested in production’.
Updated Nested vectored interrupt controller (NVIC) in Section 3.2:
ARM® Cortex®-M3 core with MPU about process state automatically
saved.
Updated Table 2: Functionalities depending on the operating power
supply range removing I/O operation column and adding note about
GPIO speed.
Updated Table 40: I/O current injection susceptibility note by ‘injection is
not possible’.
Updated Figure 15: Recommended NRST pin protection note about the
0.1uF capacitor.
Updated cover page putting eight SPIs in the peripheral communication
interface list.
Updated Table 4: Functionalities depending on the working mode (from
Run/active down to standby) LSI and LSE functionalities putting “Y” in
Standby mode.
Removed note 1 below Figure 2: Clock tree.
Updated Table 9: Voltage characteristics adding note about VREF- pin.
Updated Table 38: ESD absolute maximum ratings CDM class.
Updated Table 57: DAC characteristics resistive load.
Updated Section 3.1: Low-power modes Low-power run mode (MSI) RC
oscillator clock.
Updated Table 4: Functionalities depending on the working mode (from
Run/active down to standby) disabling I2C functionality in Low-power
Run and Low-power Sleep modes.
Table 65. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com