Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L100RC Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32L100RC
Description  Ultra-low-power 32b MCU ARM®-based Cortex®-M3, 256KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100RC Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32L100RC Datasheet HTML 27Page - STMicroelectronics STM32L100RC Datasheet HTML 28Page - STMicroelectronics STM32L100RC Datasheet HTML 29Page - STMicroelectronics STM32L100RC Datasheet HTML 30Page - STMicroelectronics STM32L100RC Datasheet HTML 31Page - STMicroelectronics STM32L100RC Datasheet HTML 32Page - STMicroelectronics STM32L100RC Datasheet HTML 33Page - STMicroelectronics STM32L100RC Datasheet HTML 34Page - STMicroelectronics STM32L100RC Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 106 page
background image
DocID024995 Rev 5
31/106
STM32L100RC
40
Table 6. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function
during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TC
Standard 3.3 V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during
and after reset
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 7. STM32L100RC pin definitions
Pins
Pin name
Main
function
(after reset)
Pin functions
Alternate functions
Additional functions
1VLCD
S-
VLCD
--
2
PC13-WKUP2
I/O
FT
PC13
-
WKUP2/RTC_TAMP1/
RTC_TS/RTC_OUT
3
PC14-
OSC32_IN(3)
I/O
-
PC14
-
OSC32_IN
4
PC15-
OSC32_OUT(3)
I/O
-
PC15
-
OSC32_OUT
5PH0-OSC_IN(4)
I
-
PH0
-
OSC_IN
6
PH1-
OSC_OUT(4)
O
-
PH1
-
OSC_OUT
7
NRST
I/O
NRST
-
-
8
PC0
I/O
FT
PC0
LCD_SEG18
ADC_IN10/COMP1_INP
9
PC1
I/O
FT
PC1
LCD_SEG19
ADC_IN11/COMP1_INP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com