Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107VB Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32F107VB
Description  Connectivity line, ARM®-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107VB Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32F107VB Datasheet HTML 65Page - STMicroelectronics STM32F107VB Datasheet HTML 66Page - STMicroelectronics STM32F107VB Datasheet HTML 67Page - STMicroelectronics STM32F107VB Datasheet HTML 68Page - STMicroelectronics STM32F107VB Datasheet HTML 69Page - STMicroelectronics STM32F107VB Datasheet HTML 70Page - STMicroelectronics STM32F107VB Datasheet HTML 71Page - STMicroelectronics STM32F107VB Datasheet HTML 72Page - STMicroelectronics STM32F107VB Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
DocID15274 Rev 10
69/108
STM32F105xx, STM32F107xx
Electrical characteristics
107
Table 44. I2S characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fCK
1/tc(CK)
I2S clock frequency
Master data: 16 bits, audio
freq = 48 K
1.52
1.54
MHz
Slave
0
6.5
tr(CK)
tf(CK)
I2S clock rise and fall time
capacitive load CL = 50 pF
-
8
ns
tw(CKH)(1)
I2S clock high time
Master fPCLK = 16 MHz,
audio freq = 48 K
317
320
tw(CKL)(1)
I2S clock low time
333
336
tv(WS) (1)
WS valid time
Master mode
3
-
th(WS) (1)
WS hold time
Master mode
I2S2
0
-
I2S3
0
-
tsu(WS) (1)
WS setup time
Slave mode
I2S2
4
-
I2S3
9
-
th(WS) (1)
WS hold time
Slave mode
0
-
DuCy(SCK)
I2S slave input clock duty
cycle
Slave mode
30
70
%
tsu(SD_MR) (1)
Data input setup time
Master receiver
I2S2
8
-
ns
I2S3
10
-
tsu(SD_SR) (1)
Slave receiver
I2S2
3
-
I2S3
8
-
th(SD_MR)(1)
Data input hold time
Master receiver
I2S2
2
-
I2S3
4
-
th(SD_SR) (1)
Slave receiver
I2S2
2
-
I2S3
4
-
tv(SD_ST) (1)(3) Data output valid time
Slave transmitter
(after enable edge)
I2S2
23
-
I2S3
33
-
th(SD_ST) (1)
Data output hold time
Slave transmitter
(after enable edge)
I2S2
29
-
I2S3
27
-
tv(SD_MT) (1)
Data output valid time
Master transmitter
(after enable edge)
I2S2
-
5
I2S3
-
2
th(SD_MT) (1)
Data output hold time
Master transmitter
(after enable edge)
I2S2
11
-
I2S3
4
-
1. Based on design simulation and/or characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com