Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107VB Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32F107VB
Description  Connectivity line, ARM®-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107VB Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32F107VB Datasheet HTML 100Page - STMicroelectronics STM32F107VB Datasheet HTML 101Page - STMicroelectronics STM32F107VB Datasheet HTML 102Page - STMicroelectronics STM32F107VB Datasheet HTML 103Page - STMicroelectronics STM32F107VB Datasheet HTML 104Page - STMicroelectronics STM32F107VB Datasheet HTML 105Page - STMicroelectronics STM32F107VB Datasheet HTML 106Page - STMicroelectronics STM32F107VB Datasheet HTML 107Page - STMicroelectronics STM32F107VB Datasheet HTML 108Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 106 / 108 page
background image
Revision history
STM32F105xx, STM32F107xx
106/108
DocID15274 Rev 10
11-May-2010
5
Added BGA package.
Table 5: Pin definitions:
ETH_RMII_RXD0 and ETH_RMII_RXD1 added in remap column for
PD9 and PD10, respectively.
Note added to ETH_MII_RX_DV, ETH_MII_RXD0, ETH_MII_RXD1,
ETH_MII_RXD2 and ETH_MII_RXD3
Updated Table 36: I/O static characteristics on page 57
Added Figure 18: Standard I/O input characteristics - CMOS port
to Figure 21: 5 V tolerant I/O input characteristics - TTL port
Updated Table 43: SPI characteristics on page 66.
Updated Table 44: I2S characteristics on page 69.
Updated Table 48: Ethernet DC electrical characteristics on page 72.
Updated Table 49: Dynamic characteristics: Ethernet MAC signals
for SMI on page 72.
Updated Table 50: Dynamic characteristics: Ethernet MAC signals
for RMII on page 73
Updated Figure 59: USB O44TG FS + Ethernet solution on
page 100.
Updated Figure 60: USB OTG FS + I2S (Audio) solution on
page 100
01-Aug-2011
6
Changed SRAM size to 64 KB on all parts.
Updated PD0 and PD1 description in Table 5: Pin definitions on
page 27
Updated footnotes below Table 6: Voltage characteristics on page 36
and Table 7: Current characteristics on page 36
Updated tw min in Table 20: High-speed external user clock
characteristics on page 47
Updated startup time in Table 23: LSE oscillator characteristics (fLSE
= 32.768 kHz) on page 50
Added Section 5.3.12: I/O current injection characteristics on
page 56
Updated Table 36: I/O static characteristics on page 57
Add Interna code V to Table 62: Ordering information scheme on
page 94
06-Mar-2014
7
Added a “Packing” entry to Table 62: Ordering information scheme
including “Blank = tray” and “TR = Tape and reel”.
Referenced 4 Figures: Figure 41, Figure 49, Figure 59 and
Figure 60.
Updated the “Package” line with “BGA100” in Table 2:
STM32F105xx and STM32F107xx features and peripheral counts.
Table 65. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com