Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30RQ06 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH30RQ06
Description  600 V, 30 A ultrafast high voltage rectifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30RQ06 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH30RQ06 Datasheet HTML 1Page - STMicroelectronics STTH30RQ06 Datasheet HTML 2Page - STMicroelectronics STTH30RQ06 Datasheet HTML 3Page - STMicroelectronics STTH30RQ06 Datasheet HTML 4Page - STMicroelectronics STTH30RQ06 Datasheet HTML 5Page - STMicroelectronics STTH30RQ06 Datasheet HTML 6Page - STMicroelectronics STTH30RQ06 Datasheet HTML 7Page - STMicroelectronics STTH30RQ06 Datasheet HTML 8Page - STMicroelectronics STTH30RQ06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
Forward rms current
50
A
IF(AV)
Average forward current
TC = 103 °C, δ = 0.5 square
30
A
IFSM
Surge non repetitive forward current tp = 10 ms sinusoidal
D²PAK, D²PAK HV
180
A
TO-220AC, DO-247, DO-247 LL
200
Tstg
Storage temperature range
-65 to
+175
°C
Tj
Maximum operating junction temperature
175
°C
Table 2. Thermal parameters
Symbol
Parameter
Max.
value
Unit
Rth(j-c)
Junction to case
0.70
°C/W
Rth(j-c)
Junction to case DO-247 LL
0.90
°C/W
For more information, please refer to the following application note:
AN5088: Rectifiers thermal management, handling and mounting recommendation
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR (1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
40
µA
Tj = 150 °C
-
80
800
VF (2)
Forward voltage drop
Tj = 25 °C
IF = 15 A
-
2.45
V
Tj = 150 °C
-
1.15
1.45
Tj = 25 °C
IF = 30 A
-
2.95
Tj = 150 °C
-
1.45
1.85
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 1.05 x IF(AV) + 0.026 x IF 2 (RMS)
For more information, please refer to the following application notes related to the power losses:
AN604: Calculation of conduction losses in a power rectifier
AN4021: Calculation of reverse losses on a power diode
AN5028: Calculation of turn-off power losses generated by an ultrafast diode
STTH30RQ06
Characteristics
DS12164 - Rev 5
page 2/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com