Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW65N60DM6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW65N60DM6
Description  N-channel 600 V, 60 mΩ typ., 46 A MDmesh DM6 Power MOSFETs in a TO-247 and TO-247 long leads packages
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW65N60DM6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW65N60DM6 Datasheet HTML 6Page - STMicroelectronics STW65N60DM6 Datasheet HTML 7Page - STMicroelectronics STW65N60DM6 Datasheet HTML 8Page - STMicroelectronics STW65N60DM6 Datasheet HTML 9Page - STMicroelectronics STW65N60DM6 Datasheet HTML 10Page - STMicroelectronics STW65N60DM6 Datasheet HTML 11Page - STMicroelectronics STW65N60DM6 Datasheet HTML 12Page - STMicroelectronics STW65N60DM6 Datasheet HTML 13Page - STMicroelectronics STW65N60DM6 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Revision history
Table 10. Document revision history
Date
Version
Changes
02-Nov-2017
1
Initial release.
03-Oct-2018
2
Removed maturity status indication from cover page.
The document status is production data.
Updated title and features in cover page.
Updated Updated Section 1 Electrical ratings, Section 2 Electrical characteristics.
Added Section 2.1 Electrical characteristics curves.
Minor text changes.
17-Jun-2020
3
Updated Table 1. Absolute maximum ratings.
31-Mar-2021
4
Updated Table 1. Absolute maximum ratings, Table 2. Thermal data, Table 4. On/off states,
Table 7. Source drain diode, Figure 1. Safe operating area, Figure 2. Maximum transient
thermal impedance and Figure 6. Gate charge vs gate-source voltage.
21-May-2021
5
Updated Section 4.2 TO-247 long leads package information.
Minor text changes.
STW65N60DM6, STWA65N60DM6
DS12314 - Rev 5
page 12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com