Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWA75N60DM6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STWA75N60DM6
Description  N-channel 600 V, 32 mΩ typ., 72 A MDmesh DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA75N60DM6 Datasheet(HTML) 3 Page - STMicroelectronics

  STWA75N60DM6 Datasheet HTML 1Page - STMicroelectronics STWA75N60DM6 Datasheet HTML 2Page - STMicroelectronics STWA75N60DM6 Datasheet HTML 3Page - STMicroelectronics STWA75N60DM6 Datasheet HTML 4Page - STMicroelectronics STWA75N60DM6 Datasheet HTML 5Page - STMicroelectronics STWA75N60DM6 Datasheet HTML 6Page - STMicroelectronics STWA75N60DM6 Datasheet HTML 7Page - STMicroelectronics STWA75N60DM6 Datasheet HTML 8Page - STMicroelectronics STWA75N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 1 mA
600
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 600 V
1
μA
VGS = 0 V, VDS = 600 V, TJ = 125 °C(1)
100
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ±25 V
±5
μA
VGS(th)
Gate threshold voltage
VDS = VGS, IC = 250 μA
3.25
4
4.75
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID= 36 A
32
36
1. Defined by design, not subject to production test.
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz, VGS = 0 V
-
4850
-
pF
Coes
Output capacitance
-
380
-
Crss
Reverse transfer capacitance
-
3.5
-
Coss eq.(1)
Equivalent output capacitance
VDS = 0 to 480 V, VGS = 0 V
-
771
-
RG
Intrinsic gate resistance
f = 1 MHz, ID = 0 A
-
2.3
-
Ω
Qg
Total gate charge
VDD = 480 V, ID = 72 A, VGS = 0 to
10 V (see Figure 14. Test circuit for gate
charge behavior)
-
117
-
nC
Qgs
Gate-source charge
-
24
-
nC
Qgd
Gate-drain charge
-
71
-
nC
1. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0
to 80% VDSS
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 36 A, RG = 4.7 Ω
(see Figure 13. Test circuit for resistive
load switching times and
Figure 18. Switching time waveform
-
36
-
ns
tr
Rise time
-
107
-
ns
td(off)
Turn-off delay time
-
102
-
ns
tf
Current fall time
-
10
-
ns
STW75N60DM6, STWA75N60DM6
Electrical characteristics
DS12280 - Rev 3
page 3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com