Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB5AS72 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZB5AS72
Description  Head for non illuminated push button, Harmony XB5, black 횠 30 mushroom pushbutton 횠22 mm latching key release
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB5AS72 Datasheet(HTML) 2 Page - Schneider Electric

  ZB5AS72 Datasheet HTML 1Page - Schneider Electric ZB5AS72 Datasheet HTML 2Page - Schneider Electric ZB5AS72 Datasheet HTML 3Page - Schneider Electric ZB5AS72 Datasheet HTML 4Page - Schneider Electric ZB5AS72 Datasheet HTML 5Page - Schneider Electric ZB5AS72 Datasheet HTML 6Page - Schneider Electric ZB5AS72 Datasheet HTML 7Page - Schneider Electric ZB5AS72 Datasheet HTML 8Page - Schneider Electric ZB5AS72 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Environment
Protective treatment
TH
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
Overvoltage category
Class II IEC 60536
IP degree of protection
IP66 IEC 60529
IP67
IP69
IP69K
NEMA degree of protection
NEMA 13
NEMA 4X
Resistance to high pressure
washer
1015.26 psi (7000000 Pa) 131 °F (55 °C) 0.1 m
IK degree of protection
IK03 IEC 50102
Standards
JIS C8201-5-1
UL 508
EN/IEC 60947-5-1
EN/IEC 60947-5-4
EN/IEC 60947-1
CSA C22.2 No 14
JIS C8201-1
Product certifications
GL
CSA
LROS (Lloyds register of shipping)
UL Listed
DNV
BV
Vibration resistance
5 gn 2…500 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
Ordering and shipping details
Category
22467-PUSHBUTTONS,22MM(PLASTIC) NEW
Discount Schedule
CS2
GTIN
3389110906899
Nbr. of units in pkg.
1
Package weight(Lbs)
1.41 oz (40 g)
Returnability
No
Country of origin
CZ
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.46 in (8.8 cm)
Package 1 width
1.34 in (3.4 cm)
Package 1 Length
2.13 in (5.4 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Di-isodecyl phthalate (DIDP), which is
known to the State of California to cause birth defects or other reproductive harm. For more information
go to www.P65Warnings.ca.gov
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
2
Mar 16, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com