Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F071C8 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32F071C8
Description  sArm®-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC and communication interfaces, 2.0 - 3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F071C8 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32F071C8 Datasheet HTML 33Page - STMicroelectronics STM32F071C8 Datasheet HTML 34Page - STMicroelectronics STM32F071C8 Datasheet HTML 35Page - STMicroelectronics STM32F071C8 Datasheet HTML 36Page - STMicroelectronics STM32F071C8 Datasheet HTML 37Page - STMicroelectronics STM32F071C8 Datasheet HTML 38Page - STMicroelectronics STM32F071C8 Datasheet HTML 39Page - STMicroelectronics STM32F071C8 Datasheet HTML 40Page - STMicroelectronics STM32F071C8 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 122 page
background image
DS10009 Rev 7
37/122
STM32F071x8 STM32F071xB
Pinouts and pin descriptions
41
K3
25
16
12
E5
PA2
I/O
TTa
-
USART2_TX, TIM2_CH3,
TIM15_CH1, TSC_G1_IO3
ADC_IN2,
COMP2_OUT,
COMP2_INM6,
WKUP4
L3
26
17
13
E4
PA3
I/O
TTa
-
USART2_RX,TIM2_CH4,
TIM15_CH2, TSC_G1_IO4
ADC_IN3,
COMP2_INP
D3
27
18
-
-
VSS
S
-
-
Ground
H3
28
19
-
-
VDD
S
-
-
Digital power supply
M3
29
20
14
G6
PA4
I/O
TTa
-
SPI1_NSS, I2S1_WS,
TIM14_CH1, TSC_G2_IO1,
USART2_CK
COMP1_INM4,
COMP2_INM4,
ADC_IN4,
DAC_OUT1
K4
30
21
15
F5
PA5
I/O
TTa
-
SPI1_SCK, I2S1_CK, CEC,
TIM2_CH1_ETR,
TSC_G2_IO2
COMP1_INM5,
COMP2_INM5,
ADC_IN5,
DAC_OUT2
L4
31
22
16
F4
PA6
I/O
TTa
-
SPI1_MISO, I2S1_MCK,
TIM3_CH1, TIM1_BKIN,
TIM16_CH1,
COMP1_OUT,
TSC_G2_IO3, EVENTOUT,
USART3_CTS
ADC_IN6
M4
32
23
17
F3
PA7
I/O
TTa
-
SPI1_MOSI, I2S1_SD,
TIM3_CH2, TIM14_CH1,
TIM1_CH1N, TIM17_CH1,
COMP2_OUT,
TSC_G2_IO4,
EVENTOUT
ADC_IN7
K5
33
24
-
-
PC4
I/O
TTa
-
EVENTOUT, USART3_TX
ADC_IN14
L5
34
25
-
-
PC5
I/O
TTa
-
TSC_G3_IO1,
USART3_RX
ADC_IN15,
WKUP5
M5
35
26
18
G5
PB0
I/O
TTa
-
TIM3_CH3, TIM1_CH2N,
TSC_G3_IO2, EVENTOUT,
USART3_CK
ADC_IN8
M6
36
27
19
G4
PB1
I/O
TTa
-
TIM3_CH4, USART3_RTS,
TIM14_CH1, TIM1_CH3N,
TSC_G3_IO3
ADC_IN9
L6
37
28
20
G3
PB2
I/O
FT
TSC_G3_IO4
-
Table 14. STM32F071x8/xB pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin
type
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com