Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3918 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST25R3918_V01 Datasheet HTML 85Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 86Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 87Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 88Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 89Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 90Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 91Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 92Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 141 page
background image
DS13490 Rev 2
89/141
ST25R3918
Application information
140
4.5.32
Mask error and wake-up interrupt register
Register space: A
Address: 18h
Type: RW
4.5.33
Mask passive target interrupt register
Register space: A
Address: 19h
Type: RW
Table 56. Mask error and wake-up interrupt register
Bit
Name
Default
Function
Comments
7
M_crc
0
1: Mask IRQ due to CRC error
-
6
M_par
0
1: Mask IRQ due to parity error
-
5
M_err2
0
1: Mask IRQ due to soft framing error
-
4
M_err1
0
1: Mask IRQ due to hard framing error
-
3
M_wt
0
1: Mask IRQ due to wake-up timer interrupt
-
2
M_wam
0
1: Mask Wake-up IRQ due to amplitude measurement
-
1
M_wph
0
1: Mask Wake-up IRQ due to phase measurement.
-
0
M_wcap
0
1: Mask Wake-up IRQ due to capacitance measurement
-
Table 57. Mask passive target interrupt register
Bit
Name
Default
Function
Comments
7RFU
0
-
-
6
M_sl_wl
0
1: Mask IRQ for Passive target slot number water level
-
5
M_apon
0
1: Mask IRQ due to Active PP Field on event
-
4
M_rxe_pta
0
1: Mask IRQ due to end of receive when the device is
handling the response
-
3
M_wu_f
0
1: Mask IRQ NFC 212/424 kb/s passive target active
-
2RFU
0
-
-
1
M_wu_a*
0
1: Mask IRQ NFC 106 kb/s passive target Active*
-
0
M_wu_a
0
1: Mask IRQ NFC 106 kb/s passive target Active
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com