Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F373R8 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32F373R8
Description  ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373R8 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32F373R8 Datasheet HTML 29Page - STMicroelectronics STM32F373R8 Datasheet HTML 30Page - STMicroelectronics STM32F373R8 Datasheet HTML 31Page - STMicroelectronics STM32F373R8 Datasheet HTML 32Page - STMicroelectronics STM32F373R8 Datasheet HTML 33Page - STMicroelectronics STM32F373R8 Datasheet HTML 34Page - STMicroelectronics STM32F373R8 Datasheet HTML 35Page - STMicroelectronics STM32F373R8 Datasheet HTML 36Page - STMicroelectronics STM32F373R8 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 137 page
background image
DocID022691 Rev 7
33/137
STM32F373xx
Pinouts and pin description
47
Table 10. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function
during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
FTf
5 V tolerant I/O, FM+ capable
TTa
3.3 V tolerant I/O directly connected to ADC
TC
Standard 3.3 V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during
and after reset
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 11. STM32F373xx pin definitions
Pin numbers
Pin name
(function after
reset)
Pin
type
Pin functions
Alternate function
Additional functions
1
B2
-
-
PE2
I/O
FT
(2) TSC_G7_IO1, TRACECLK
-
2
A1
-
-
PE3
I/O
FT
(2) TSC_G7_IO2, TRACED0
-
3
B1
-
-
PE4
I/O
FT
(2) TSC_G7_IO3, TRACED1
-
4
C2
-
-
PE5
I/O
FT
(2) TSC_G7_IO4, TRACED2
-
5
D2
-
-
PE6
I/O
FT
(2) TRACED3
WKUP3, RTC_TAMPER3
6
E2
1
1
VBAT
S
-
-
Backup power supply
7C1
2
2
PC13(1)
I/O
TC
-
-
WKUP2, ALARM_OUT,
CALIB_OUT, TIMESTAMP,
RTC_TAMPER1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com