Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F373VC Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F373VC
Description  ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373VC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F373VC Datasheet HTML 6Page - STMicroelectronics STM32F373VC Datasheet HTML 7Page - STMicroelectronics STM32F373VC Datasheet HTML 8Page - STMicroelectronics STM32F373VC Datasheet HTML 9Page - STMicroelectronics STM32F373VC Datasheet HTML 10Page - STMicroelectronics STM32F373VC Datasheet HTML 11Page - STMicroelectronics STM32F373VC Datasheet HTML 12Page - STMicroelectronics STM32F373VC Datasheet HTML 13Page - STMicroelectronics STM32F373VC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 137 page
background image
Description
STM32F373xx
10/137
DocID022691 Rev 7
2
Description
The STM32F373xx family is based on the high-performance ARM® Cortex®-M4 32-bit RISC
core operating at a frequency of up to 72 MHz, and embedding a floating point unit (FPU), a
memory protection unit (MPU) and an Embedded Trace Macrocell™ (ETM). The family
incorporates high-speed embedded memories (up to 256 Kbyte of Flash memory, up to
32 Kbytes of SRAM), and an extensive range of enhanced I/Os and peripherals connected
to two APB buses.
The STM32F373xx devices offer one fast 12-bit ADC (1 Msps), three 16-bit Sigma delta
ADCs, two comparators, two DACs (DAC1 with 2 channels and DAC2 with 1 channel), a
low-power RTC, 9 general-purpose 16-bit timers, two general-purpose 32-bit timers, three
basic timers.
They also feature standard and advanced communication interfaces: two I2Cs, three SPIs,
all with muxed I2Ss, three USARTs, CAN and USB.
The STM32F373xx family operates in the -40 to +85 °C and -40 to +105 °C temperature
ranges from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving mode allows
the design of low-power applications.
The STM32F373xx family offers devices in five packages ranging from 48 pins to 100 pins.
The set of included peripherals changes with the device chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com