Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-CUBE-TCPP Datasheet(PDF) 2 Page - STMicroelectronics

Part # X-CUBE-TCPP
Description  USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-CUBE-TCPP Datasheet(HTML) 2 Page - STMicroelectronics

  X-CUBE-TCPP Datasheet HTML 1Page - STMicroelectronics X-CUBE-TCPP Datasheet HTML 2Page - STMicroelectronics X-CUBE-TCPP Datasheet HTML 3Page - STMicroelectronics X-CUBE-TCPP Datasheet HTML 4Page - STMicroelectronics X-CUBE-TCPP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
Schematic diagrams
Figure 1. X-NUCLEO-USBPDM1 circuit schematic (1 of 2)
6
32
5
3334
CN7
2
8
3
FB
GND
11
10
UCPD Controller Selection
9
CC1_G0
8
CN5
7
7
CC2_G0
3
6
DB_OUT
2
38
1
36
37
VCC_OUT
(
(
4
6
6
5
5
OUT
4
C6
470nF
DB/
1
LDO_OUT
2
9
10
6
CC1_G4
C5
5
100nF
CC1
1
JP1
3
200K
8
2
ADC_VBUS
4
DB_OUT
3
CC2_G4
2
CC1_G4
R6
25
FLT_IN
26
27
3
25
5
2324
Interface Configuration
4
CC2_G0
2
VCC
3
NC
NC
GND
19
8
GND
FLT
5
20
DP_G4
1
CN6
VBUS
22
21
28
CC2
4
DM_G4
GND
1
29
18
28
NC
NC
16
17
PA5_G0
18
19
11
R7
3.3V
LDO_OUT
ADC_VBUS
4
7
31
5
15
30
6
1314
12
32
40.2K
ST715PU33R
3.3V
VBUS
21
20
IN
CN10
38
22
12
FLT_IN
11
CN9
3
8
GND
4
7
CN8
10
GND
U2
2324
3
2
9
26
27
CC2_G4
5
6
VCC_OUT
4
1314
36
37
3
JP2
NRST
35
NRST
12
7
1314
6
7
5
CC1_G0
8
2
7
31
4
1
30
9
29
1
8
1
PA4_G0
2
7
1
6
15
16
17
10
3334
9
35
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com