Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4470D Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4470D
Description  10 AMP, 500V, 3 PHASE IGBT BRUSHLESS MOTOR CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4470D Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4470D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Maximum power dissipation must be limited according to voltage regulator power dissipation.
Measurements do not include offset current at 0V current command.
INPUT CURRENT
+15 VIN
-15 VIN
PWM
CLOCK SYNC INPUT
VIL
VIH
Duty Cycle
SYNC Frequency
LOGIC INPUTS
(Hall A,B,C,Brake,60°/120°,DIS)
VIL
VIH
ANALOG SECTION
Current Command Input Range
Current Command Input Current
Current Monitor Voltage Swing
ERROR AMP
E/A OUT Swing
Slew Rate
Gain Bandwidth Product
Large Signal Voltage Gain
OUTPUT SECTION
Voltage Drop Across Bridge (1 Upper & 1 Lower)
Voltage Drop Across Bridge (1 Upper & 1 Lower)
Leakage Current
Diode VSD
trr
Dead Time
Output PWM'ing
Current Command=0 Volts
5mA Load
5mA Load
10 AMPS
10 AMPS @ 150°C Junction
All switches off, V+=270V, 150°C Junction
High Voltage Supply
Current Command Input
Logic Inputs
REFOUT External Load
E/A OUT External Load
Clock SYNC Input
Continuous Output Current
Peak Output Current
500V
±13.5V
-0.2V to REFOUT
15 mA
5 mA
-0.2V to +15V
10 Amps
15 Amps
2
Rev. B 10/00
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Thermal Resistance (Output Switches)
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
Junction Temperature
0.6°C/W
-40°C to +150°C
+300°C
-40°C to +125°C
+150°C
RθJC
TST
TLD
TC
TJ
Parameter
Units
MSK 4470
Test Conditions
mA
mA
KHz
KHz
VOLTS
VOLTS
%
KHz
VOLTS
VOLTS
VOLTS
mA
A/V
A/V
mA
mA
V/A
V/A
VOLTS
VOLTS
V/µSec
MHz
V/mV
VOLTS
VOLTS
mA
VOLTS
nSec
µSec
Min.
Typ.
Max.
-
-
20
-
-
12.5
10
Clock +0
-
3.0
-
-
2.55
-
-
-
0.280
-
-
-
6.5
-
175
-
-
-
-
-
-
68
30
22
-
-
-
-
-
-
-
-
-
3
-
-
-
0.33
-
-
-
8
6.5
275
-
-
-
-
35
3
85
40
24
-
2.5
-
90
Clock +3
0.8
-
±13.5
1.5
3.45
-
±50
-
0.380
-
±12
±12
-
-
-
5
7.5
5
2.6
-
-
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
Transconductance
Offset Current
Current Monitor
Clock Free Running Frequency
1
2
3
NOTES:
Current Command=0Volts
3
3
1
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com