Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART3000RM2UL Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SMART3000RM2UL
Description  SmartPro UPS, Lithium Battery Backup - 120V 3kVA Line Interactive, 2U, Sine Wave, LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART3000RM2UL Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SMART3000RM2UL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART3000RM2UL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART3000RM2UL Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART3000RM2UL Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART3000RM2UL Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Installation Form Factors Supported
with Optional Accessories
2 post rackmount (&nbsp;<a class="productLink" href="//www.tripplite.com/2-Post-Rack-Mount-Wall-Mount-Adapter-
Kit-select-Rack-Mount-UPS-Systems~2POSTRMKITWM">2POSTRMKITWM</a>&nbsp;); 2-4 post front rail
rackmount (&nbsp;<a class="productLink" href="//www.tripplite.com/Heavy-Duty-2-post-Front-Mounting-Ear-
Kit~UPSHDEARKIT">UPSHDEARKIT</a>&nbsp;); 4 post rackmount short-depth (&nbsp;<a class="productLink"
href="//www.tripplite.com/4-Post-1U-Universal-Adjustable-Rack-Mount-Shelf-Kit-for-Wall-Mount-
Racks~4POSTRAILKITWM">4POSTRAILKITWM</a>&nbsp;); Tower (&nbsp;<a class="productLink"
href="//www.tripplite.com/2U-9U-Tower-Stand-Kit-select-Rack-Mount-UPS-Systems~2-9USTAND">2-
9USTAND</a>&nbsp;); Wallmount (&nbsp;<a class="productLink" href="//www.tripplite.com/2-Post-Rack-Mount-
Wall-Mount-Adapter-Kit-select-Rack-Mount-UPS-Systems~2POSTRMKITWM">2POSTRMKITWM</a>&nbsp;)
Minimum Required Rack Depth (cm)
62.13
Minimum Required Rack Depth
(inches)
24.46
Optional Mounting Accessory Notes
Optional &nbsp;<a class="productLink" href="//www.tripplite.com/2U-9U-Tower-Stand-Kit-select-Rack-Mount-UPS-
Systems~2-9USTAND">2-9USTAND</a>&nbsp; enables upright tower UPS placement; &nbsp;<a
class="productLink" href="//www.tripplite.com/2-Post-Rack-Mount-Wall-Mount-Adapter-Kit-select-Rack-Mount-UPS-
Systems~2POSTRMKITWM">2POSTRMKITWM</a>&nbsp; enables wall-mount and 2-post rackmount installation;
&nbsp;<a class="productLink" href="//www.tripplite.com/4-Post-1U-Universal-Adjustable-Rack-Mount-Shelf-Kit-for-
Wall-Mount-Racks~4POSTRAILKITWM">4POSTRAILKITWM</a>&nbsp; enables installation in 4-post short-depth
racks from 14.5 to 23.5 inches (368 to 597mm); &nbsp;<a class="productLink" href="//www.tripplite.com/Heavy-
Duty-2-post-Front-Mounting-Ear-Kit~UPSHDEARKIT">UPSHDEARKIT</a>&nbsp; enables installation in 2 or 4-post
racks using front vertical rails only, without rear support
Primary Form Factor
Rackmount
Primary UPS Depth (mm)
494
Primary UPS Height (mm)
87
Primary UPS Width (mm)
440
Rack Height
2U
Shipping Dimensions (hwd / cm)
21.34 x 60.45 x 55.12
Shipping Dimensions (hwd / in.)
8.40 x 23.80 x 21.70
Shipping Weight (kg)
28.98
Shipping Weight (lbs.)
63.90
UPS Housing Material
Steel
UPS Power Module Dimensions
(hwd, cm)
8.71 x 43.99 x 49.43
UPS Power Module Dimensions
(hwd, in.)
3.43 x 17.32 x 19.46
UPS Power Module Weight (kg)
22.72
UPS Power Module Weight (lbs.)
50.1
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
189
AC Mode Efficiency Rating (100%
Load)
98%
Audible Noise
50.3 dBA maximum, front side 1m
4 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com