Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCOOL7KRM Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SRCOOL7KRM
Description  AC Unit for Server Racks - Rack Mount, 7,000 BTU, 120V, 8U
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOOL7KRM Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SRCOOL7KRM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCOOL7KRM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRCOOL7KRM Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2021 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Form Factors Supported
Rackmount
Rack Height
8U
Shipping Dimensions (hwd / cm)
57.91 x 57.66 x 69.85
Shipping Dimensions (hwd / in.)
22.80 x 22.70 x 27.50
Shipping Weight (kg)
36.29
Shipping Weight (lbs.)
80.00
Unit Dimensions (hwd / cm)
35.3 x 44.1 x 57.2
Unit Dimensions (hwd / in.)
13.9 x 17.35 x 22.52
Unit Weight (kg)
27.94
Unit Weight (lbs.)
61.6
ENVIRONMENTAL
Cooling Capacity
7,000 BTU / 2.0 kW
COMMUNICATIONS
SNMP Compatibility
&nbsp;<a class="productLink" href="//www.tripplite.com/LX-Platform-SNMP-Web-Interface-Module-Remote-Cooling-
Management-for-Select-Models~SRCOOLNET2LX">SRCOOLNET2LX</a>&nbsp; (Optional) remote management
accessory for remote monitoring and control
SPECIAL FEATURES
Dehumidifier
1.25L / hour
Compressor Type
Rotary
Refrigerant
R410a (Environmentally friendly, Non ozone depleting)
Refrigerant Amount
18.7 ounces
Amp Draw Nominal
8.5
Sound Level (Noise)
57dbA
STANDARDS & COMPLIANCE
Certifications
Tested to UL484; CSA, RoHS; NOM
WARRANTY
Product Warranty Period
(Worldwide)
1-year limited warranty
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com