Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB4 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # LLDB4
Description  SILICON BI-DIRECTIONAL DIACS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

LLDB4 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  LLDB4 Datasheet HTML 1Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LLDB3, LLDB4
SILICON BI-DIRECTIONAL DIACS
The glass passivated, three-layer,two terminal,axial lead,
hermetically sealed diacs are designed specifically for
triggering thyristors.They demonstrate low breakover
current at breakover voltage as they withstand peak
pulse current. The breakover symmeter is within four
volts with a typical breakover voltage of LLDB3 32 V,
LLDB 40 V.These diacs are intended for use in thyrister
phase control,circuits for lamp-dimming,universal-motor
speed controls,and heat controls.
FEATURES :
* VBR : 32 V and 40 V
* Low breakover current
* Pb / RoHS Free
MECHANICAL DATA :
Case:
MiniMELF Glass Case (SOD-80)
Weight:
approx. 0.05g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Ta = 25 °C)
SYMBOL
UNIT
Minimum Breakover Voltage
VBR1 and VBR2 (Min.)
V
Typical Breakover Voltage
VBR1 and VBR2 (Typ.)
V
Maximum Breakover Voltage
VBR1 and VBR2 (Max.)
V
Maximum Breakover Current
I(BR)1 and I(BR)2
200
μA
Maximum Breakover Voltage Symmetry
[V(BR)1] - [V(BR)2]
3.8
V
Minimum Dynamic Breakback Voltage
∆I = [IBR to IF = 10 mA]
Maximum Peak Current at Ta = 50 °C
(10 μs duration, 120 cycle repetition rate)
Maximum Peak output Voltage at Ta = 50 °C **
eP
±3
V
Thermal Impedance Junction to Ambient
RӨJA
60
°C/W
Operating Junction Temperature Range
TJ
- 40 to + 100
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Page 1 of 1
Rev. 00: November 12, 2009
RATING
LLDB3
LLDB4
28
35
32
40
36
45
|
ΔV ± |
5.0
V
IP
±2
A
**CIRCUIT FOR PEAK OUTPUT VOLTAGE TEST
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
MiniMELF (SOD-80C)
Dimensions in inches and ( millimeters )
Mounting Pad Layout
0.049 (1.25)Min.
0.197 (5.00)
REF
0.079 (2.00)Min.
www.eicsemi.com


Similar Part No. - LLDB4

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LLDB4 SEMTECH_ELEC-LLDB4 Datasheet
166Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Jinan Jingheng (Group) ...
LLDB4 JINANJINGHENG-LLDB4 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
SHENZHEN YONGERJIA INDU...
LLDB4 WINNERJOIN-LLDB4 Datasheet
161Kb / 4P
DIAC
logo
Olitech Electronics Co....
LLDB4 OLITECH-LLDB4 Datasheet
295Kb / 2P
Glass Case MiniMELF
logo
SUNMATE electronic Co.,...
LLDB4 SUNMATE-LLDB4 Datasheet
298Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results

Similar Description - LLDB4

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
D32P EIC-D32P Datasheet
26Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
logo
New Jersey Semi-Conduct...
D32P NJSEMI-D32P Datasheet
82Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
Nantong Hornby Electron...
DB3 HORNBY-DB3 Datasheet
239Kb / 3P
BI-DIRECTIONAL DIACS
logo
EIC discrete Semiconduc...
D32 EIC-D32 Datasheet
112Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 01 : March 03, 2021
D32P EIC-D32P_V01 Datasheet
51Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 03 : June 15, 2009
DB3 EIC-DB3 Datasheet
114Kb / 1P
SILICON BI-DIRECTIONAL DIACS
Rev. 03: December 7, 2006
SD32 EIC-SD32 Datasheet
57Kb / 1P
SURFACE MOUNT DIACS - BI-DIRECTIONAL TRIGGER
Rev. 02 : March 25, 2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com