Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2M Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # R2M
Description  AVALANCHE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

R2M Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  R2M Datasheet HTML 1Page - EIC discrete Semiconductors R2M Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( R2M )
FIG.1 - PULSE DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
200
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - PULSE RATING CURVE
FIG.4 - TYPICAL JUNCTION CAPACITANCE
0.1
µs
1.0
µs
10
µs
100
µs
1.0ms
10ms
1
2
4
6
10
20
40
60
100
200
PULSE WIDTH , (tp)
REVERSE VOLTAGE , VOLTS
FIG. 5 - STEADY STATE POWER DERATING
FIG.6 - MAXIMUM NON-REPETITIVE PEAK
REVERSE SURGE CURRENT
0
25
50
75
100
125
150
175
200
LEAD TEMPERATURE, (
°C)
0
1
2
3
4
TIME , (ms)
Page 2 of 2
Rev. 03 : February 28, 2014
80
60
40
20
100
0
100
10
1.0
0
75
60
45
30
15
0
8.3 ms Single half Sine-Wave
100
10
1.0
0
Measured @ Stand-Off Voltage
Measured @ Zero Basic
TJ = 25
°C
0
1
3
4
5
0
20
40
60
80
100
tr = 10
µs
Peak Value (IRSM)
Half Value (IRSM/2)
tp
10 X 1000 Wavefrom
as defined by R.E.A.
Pulse width (tp) is defined as
that point where the peak current
decays to 50% of IRSM
Non-Repetitive Pulse Waveform
Shown in Fig.6, Ta = 25
°C
Typical Characteristics
Single Phase Half Wave
60Hz Resistive or Inductive Load
2
www.eicsemi.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com