Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

211133 Datasheet(PDF) 3 Page - RRC power solutions Ltd.

Part # 211133
Description  Standard battery conditioner for smart batteries
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

211133 Datasheet(HTML) 3 Page - RRC power solutions Ltd.

  211133 Datasheet HTML 1Page - RRC power solutions Ltd. 211133 Datasheet HTML 2Page - RRC power solutions Ltd. 211133 Datasheet HTML 3Page - RRC power solutions Ltd. 211133 Datasheet HTML 4Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
RRC-SMB-UBC-DIS
DS_RRC-SMB-UBC-DIS_A
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
3 / 4
Specification external AC/DC power supply
Input
Voltage range
100.00 – 240.00VAC ±10%, 50-60Hz
Current
1.70A max.
Stand by power
< 0.21W @ no load
Output
Voltage range
19.00VDC ± 10%
Power
65.00W max.
Current range
3.40A max.
Protection
Short circuit, over voltage, over current, over temperature
General
Efficiency
California's Energy Efficiency Level VI
Ripple & Noise
300mV (p-p)
Power Supply Mechanical Details
Standard output connector
DC barrel jack, 5.5 x 2.5mm
Housing dimensions (LxWxH)
95 x 50 x 25.4mm
Weight
270g
Cable length
1600mm
Regulatory Approvals
Approvals
Europe
CE
International
CB
USA & Canada
cULus
Australia & New Zealand
RCM
Russia (Customs Union)
EAC
Korea
KC
China
CCC
Japan
PSE
India
BIS
Taiwan
BSMI
Mexico
NOM
Argentina
IRAM
South Africa
SABS
Singapore
Safety Mark
United Kingdom
UKCA
Morocco
CMIM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com