Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

211133 Datasheet(PDF) 2 Page - RRC power solutions Ltd.

Part # 211133
Description  Standard battery charger for smart batteries
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

211133 Datasheet(HTML) 2 Page - RRC power solutions Ltd.

  211133 Datasheet HTML 1Page - RRC power solutions Ltd. 211133 Datasheet HTML 2Page - RRC power solutions Ltd. 211133 Datasheet HTML 3Page - RRC power solutions Ltd. 211133 Datasheet HTML 4Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
RRC-SMB-UBC
DS_RRC-SMB-UBC_J
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
2 / 4
Specification
Input
Voltage range
19.00 – 26.00VDC
Current
3.40A max.
Power
65.00W
Protection
Over current (fuse protected), under voltage
Output
Voltage range
0 - 17.40VDC
Current range
0 - 4.80A
Voltage tolerance
±1% max.
Current tolerance
±10% max. @1.00A, ±3% max. @4.00A
Charge power
60.00W max.
Protection
Short circuit, over temperature shutdown, input-/output over current
Environmental
Operation:
Storage:
Ambient Temperature
0°C to 40°C
-30°C to 80°C
Pressure and Altitude
1060hPa to 795hPa
-382m to 2000m
1060hPa to 533hPa
-382m to 5000m
Humidity (non-condensing)
8% to 90% r.H.
5% to 95% r.H.
General
Efficiency
~95% at 100% load
Indicator
Multi-color LED (green, red, orange)
Battery types
Standard battery form factors RRC20x or smart batteries with a similar footprint
Green procurement
RoHS 2011/65/EU + 2015/863/EU
REACH 1907/2006
WEEE 2012/19/EU
Chinese RoHS
Cooling
convection cooled
LED Indications
One time Red/Orange/Green
Self-test: Charger is ready for use.
Red/Green blinking
Battery recognition and initialization.
Orange blinking
The battery is currently being calibrated.
Orange light
The inserted battery is of the correct type and is currently being charged.
Green light
The battery is charged and can be removed for use.
Red blinking
The battery is too hot or too cold to be charged without damage.
If the battery is too cold it will be charged as soon as it has warmed up
sufficiently. If the battery is too hot it should be removed to cool down.
Red light
The battery is damaged or it is a conventional battery which cannot be
recharged.
Charger Mechanical Details
Housing dimensions (LxWxH)
151 x 90 x 43mm
Weight
198g (excluding power supply)
Safety & EMC
In combination with included external AC/DC power supply
Regulatory approvals
Europe
EN62368-1 (CE)
International
IEC62368-1 (CB)
Electromagnetic Emissions
Europe
EN55011, EN55032, level B
USA
FCC15 class B
Electromagnetic Immunity
ESD immunity
EN/IEC61000-4-2
Electromagnetic field immunity
EN/IEC61000-4-3
EFT / Burst
EN/IEC61000-4-4
Surge
EN/IEC61000-4-5
Conducted Immunity
EN/IEC61000-4-6
Magnetic Fields
EN/IEC61000-4-8
Voltage dips, short instrumentations & volt-
age variations
EN/IEC61000-4-11
Immunity characteristics
EN55024



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com