Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS65 Datasheet(PDF) 3 Page - RRC power solutions Ltd.

Part # PS65
Description  Standard Battery Pack Li-Ion
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

PS65 Datasheet(HTML) 3 Page - RRC power solutions Ltd.

  PS65 Datasheet HTML 1Page - RRC power solutions Ltd. PS65 Datasheet HTML 2Page - RRC power solutions Ltd. PS65 Datasheet HTML 3Page - RRC power solutions Ltd. PS65 Datasheet HTML 4Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
RRC2020
DS_RRC2020_H
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
3 / 4
Recommended Accessories
Type
Product
P/N
Application
Standard Battery
Charger
RRC-SMB-UBC
RRC-SMB-UBC-M
100485
110105
60.00W standard battery charger
for optimized charging process.
With external power supply for
worldwide use.
Standard Battery
Charger
RRC-SMB-DBC
110111
Dual bay standard battery charger
for optimized charging process.
With external power supply for
worldwide use.
Power Management
Module
RRC-PMM240
100576
Power management module
for smart battery charging with
automatic power source selection.
Fits to all RRC20xx standard smart
batteries.
Power Supply
AC/DC
PS65
210919
External power supply (worldwide
use) for embedded battery charger
RRC-PMM240 or for mobile devices.
Included in RRC-SMB-UBC/MBC.
3-pol AC-Cable
US-Version
EU-Version
UK-Version
AU-Version
210950
210951
211133
211134
Country specific power cable for
PS65.
Car Adapter DC/DC
RRC-SMB-CAR
110041
90.00W car adapter with USB
charging port. Power suppling in
cars and trucks for RRC-SMB-UBC,
RRC-SMB-MBC, RRC-PMM240
or mobile devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com