Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS65 Datasheet(PDF) 2 Page - RRC power solutions Ltd.

Part # PS65
Description  Standard Battery Pack Li-Ion
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

PS65 Datasheet(HTML) 2 Page - RRC power solutions Ltd.

  PS65 Datasheet HTML 1Page - RRC power solutions Ltd. PS65 Datasheet HTML 2Page - RRC power solutions Ltd. PS65 Datasheet HTML 3Page - RRC power solutions Ltd. PS65 Datasheet HTML 4Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
RRC2037
DS_RRC2037_D
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
2 / 4
Specification
General
Delivery status battery capacity
<30%
Compliance information
IEC 62133 / CE / UL2054 / FCC / UKCA / PSE / KC /
BSMI / Gost / CMIM / CQC / RCM / BIS / UN 38.3 /
RoHS / REACH
Operating temperature
0°C to 45°C (charge)
-20°C to 60°C (discharge)
Storage temperature
-20°C to 50°C max.
-20°C to 25°C recommended
Electrical Parameters
Nominal voltage
7.20V
Nominal capacity
2.90Ah
Initial impedance
<200mΩ @ 1kHz at 25°C
Max. charge current
2.03A
Max. charge voltage
8.40V
Max. discharge current
4.50A
Battery Dimensions
Length
85.39mm +0.40/-0.40
Width
41.99mm +0.40/-0.40
Thickness
22.40mm +0.40/-0.25
Weight
121g
Contacts
+, C, D, T, -
Ingress protection
IP40
Safety Parameters PCM
Overcharge detection voltage / cell
4.25V
Overdischarge detection voltage / cell
2.50V
Overcharge detection current
2.75A
Overdischarge detection current
4.80A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com