Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TT2138LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TT2138LS
Description  Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TT2138LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TT2138LS Datasheet HTML 1Page - Sanyo Semicon Device TT2138LS Datasheet HTML 2Page - Sanyo Semicon Device TT2138LS Datasheet HTML 3Page - Sanyo Semicon Device TT2138LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TT2138LS
No.7214-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=1.8A, IB=0.36A
3
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=1.8A, IB=0.36A
1.5
V
DC Current Gain
hFE1VCE=5V, IC=0.5A
5
hFE2VCE=5V, IC=2A
5
8
Diode Forward Voltage
VF
IEC=3A
2
V
Fall Time
tf
IC=1.2A, IB1=0.24A, IB2=--0.48A
0.3
µs
Switching Time Test Circuit
VR
RB
VCC=200V
VBE= --2V
+
+
50
Ω
INPUT
OUTPUT
RL=167Ω
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
1.0
35
2
0.1
73
5
27
35
2
1.0
7
35
2
0.1
7
VCE(sat) -- IC
Collector Current, IC -- A
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
VCE=5V
2
1.0
5
7
3
10
2
3
3
5
1.0
5
7
2
3
0.1
7
5
2
3
Ta=120
°C
25°
C
--40
°C
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
Collector Current, IC -- A
IC / IB=5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0123456789
10
IB=0
0.5A
0.4A
0.3A
0.1A
0.2A
0.9A
0.7A
0.8A
0.6A
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCE=5V
IT02805
IT02806
IT02803
IT02804
Ta= --40°C
25°C
120°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com