Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-HT3100T-R15H0AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # WA-HT3100T-R15H0AE
Description  6.5 ~ 21.5 TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WA-HT3100T-R15H0AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  WA-HT3100T-R15H0AE Datasheet HTML 1Page - Advantech Co., Ltd. WA-HT3100T-R15H0AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WebAccess+ Software and Solutions
Features
WA-HT HMI Series
Open HMI Solution Specifications
HMI Visualization for Process Information
ƒ Wide selection of panel sizes (6.5 ~ 21.5")
ƒ Multiple languages for HMI (up to 10 languages)
ƒ Object library: includes default/common objects, objects groups and global objects
ƒ HMI Designer: a powerful develop tool supports online/offline design simulation
ƒ User-customized picture/sounds database
Application-Oriented HMI Functions
ƒ Data log: up to 16 datalog blocks (saved as csv/txt file)
ƒ Operation log: operation history for process parameter inspection (saved as csv file)
ƒ Alarm: up to 16 alarm blocks, e-mail notification (supports SSL/TSL encryption)
ƒ Recipe: up to 16 Recipe blocks
ƒ Schedule: up to 80 sets
ƒ Event: up to 36 sets
ƒ User-customized data process: Macros
ƒ Security Authority: 9 levels password
Communication with Multiple Systems
ƒ Includes rich interfaces as RS-232/422/485, USB 3.0/2.0, Ethernet, Audio I/O
ƒ Maximum Serial/Ethernet Links: 4-links (serial), 16-links (Ethernet)
ƒ Supports 450 communication protocols and drivers for industrial devices
ƒ Gateway service by Modbus for HMI devices communication
ƒ Flexible I/O expansion by iDoor technology
Reliable Design for Field Operations
ƒ Backlight life of up to 50,000 hours
ƒ Touch screen passed 36 million touches test at single point
ƒ True-flat touch screen designed with IP66 front protection
ƒ Easy panel mounting installation
ƒ Approved Certification: BSMI, CCC, CE, FCC Class A,, UL
ƒ Wide operating temperature
ƒ Vibration Protection With CFast: 2 Grms (5~500 Hz)
Open HMI Application-Ready-Package with Touch Panel
ƒ Industrial 6.5"~21.5" TFT LCD Panel with 50K Lifetime LED backlight
ƒ Durable 5-wire resistive / capacitive touch screen
ƒ True-flat IP66 certified front panel protection
ƒ 32GB industrial CFast card installed in standard series
ƒ Microsoft Windows Embedded 7 Pro 64-bit installed in standard series
ƒ Supports iDoor technology for diverse applications (optional accessory
required)
WebAccess/HMI Runtime
ƒ Includes HMI Runtime 1500 tags
ƒ Supports 450 industrial communication protocol and drivers for PLC/devices
ƒ Rich object library for easy application design
ƒ Supports on-/off-line design simulation by the development tool
6.5" ~ 21.5" TFT LCD Windows-Based
Touch Panel HMI with WebAccess/HMI
Runtime
Introduction
The WA-HT HMI series is a complete application-ready-package that includes a thin-client terminal with a 6.5 ~ 21.5" TFT LCD panel, 32 GB CFast card, Microsoft Windows Embedded
7 Pro, and WebAccess/HMI Runtime. This provides users with an efficient, integrated HMI solution for flexible system integration in the automation industry. The thin-client terminal
equipped with an Intel® Atom™ processor provides a high-performance fanless, compact system for diverse field operations.
The built-in Open HMI Runtime software offers a rich object library, online/offline simulation, and over 450 industrial protocols and drivers. Open HMI Runtime is designed to enable
a wide range of HMI control and visualization functions for creating powerful, user-friendly, reliable solutions for sophisticated applications.
Contents of the Open HMI Application-Ready-Package Solution for Industry 4.0
ƒ Touch panel thin-client terminal
ƒ 32 GB CFast card (standard series)/512 MB SD card (lite series)
ƒ Microsoft Windows Embedded 7 Pro, 64 bit (standard series)/WinCE 6.0 (lite series)
ƒ WebAccess/HMI Runtime 1500 tags
NEW
For more Open HMI application stories and technical support documents, visit the
Advantech website at http://select.advantech.com/open-hmi-solutions
All product specifications are subject to change without notice.
Last updated: 9-Mar-2018


Similar Part No. - WA-HT3100T-R15H0AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WA-HT3100T-R15H0AE ADVANTECH-WA-HT3100T-R15H0AE Datasheet
298Kb / 2P
6.5" ~ 21.5" TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
9-Mar-2018
WA-HT3100T-R15H0AE ADVANTECH-WA-HT3100T-R15H0AE Datasheet
361Kb / 2P
6.5"~21.5" TFT LCD Windows-based Thin Client Terminal with WebAccess/HMI Runtime
3-Feb-2016
More results

Similar Description - WA-HT3100T-R15H0AE

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AHP-1083 AAEON-AHP-1083_15 Datasheet
293Kb / 2P
SVGA HMI Touch Panel Computer
logo
Advantech Co., Ltd.
WA-HUHMI ADVANTECH-WA-HUHMI Datasheet
314Kb / 2P
Visualized Box HMI & Communication Gateway with WebAccess/HMI Runtime
13-Jul-2016
WA-ST ADVANTECH-WA-ST Datasheet
299Kb / 2P
12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
2-Mar-2016
WA-STSCADA ADVANTECH-WA-STSCADA Datasheet
299Kb / 2P
12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
2-Mar-2016
WA-HU-HMI ADVANTECH-WA-HU-HMI Datasheet
314Kb / 2P
Visualization Box HMI and Communication Gateway with WebAccess/HMI Runtime
9-Mar-2018
WEDOP-2000G ADVANTECH-WEDOP-2000G Datasheet
898Kb / 2P
Industrial Data Gateway with WebAccess/HMI
29-Jun-2017
WA-HT-HMI ADVANTECH-WA-HT-HMI Datasheet
298Kb / 2P
6.5" ~ 21.5" TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
9-Mar-2018
WA-HT3070TR15H0AE ADVANTECH-WA-HT3070TR15H0AE Datasheet
361Kb / 2P
6.5"~21.5" TFT LCD Windows-based Thin Client Terminal with WebAccess/HMI Runtime
3-Feb-2016
WA-HU-HMI ADVANTECH-WA-HU-HMI_V01 Datasheet
314Kb / 2P
Visualization Box HMI and Communication Gateway with WebAccess/HMI Runtime
9-Mar-2018
WEBOP-2000G ADVANTECH-WEBOP-2000G Datasheet
898Kb / 2P
Industrial Data Gateway with WebAccess/HMI
29-Jun-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com