Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN523RAMR Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN523RAMR
Description  Numeric Display
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN523RAMR Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN523RAMR Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
298
Unit: mm
Lead wire dimension
Red
Green
VF
IF
Max
IR
IO / seg
Red
Red
Green
Green
−
Lighting
Color
2 Digit 8.4 mm (.3”) Series
s Absolute Maximum Ratings (T
a = 25°C)
Lighting Color
Conventional Part No.
Global Prat No.
Lighting Color
LN523RAMR ············ LNM223AP01 ·········· Red
LN523RKMR ············ LNM223KP01 ·········· Red
LN523GAMG ··········· LNM323AP01 ·········· Green
LN523GKMG ··········· LNM323KP01 ·········· Green
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Numeric Display
LN523RAMR
LN523RKMR
LN523GAMG
LN523GKMG
Unit
Anode
Cathode
Anode
Cathode
−
µcd
µcd
µcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Common
Typ
Typ
Max
Typ
Typ
IF
VR
λ
P
∆λ
PD(mW)
IF(mA)
IFP(mA)∗
VR(V)
Topr(°C)
Tstg(°C)
32
32
11
11
60
60
5
5
−25 ∼ +80
−25 ∼ +80
−30 ∼ +85
−30 ∼ +85
Min
Typ
IO /d.p
500
500
1600
1600
200
200
600
600
200
200
500
500
10
10
10
10
2.03
2.03
2.03
2.03
2.8
2.8
2.8
2.8
700
700
565
565
100
100
30
30
10
10
10
10
10
10
10
10
5
5
5
5
Terminal Connection
Pin
No.
Assignment
1
Cathode c
Assignment
Anode c
2
3
4
5
6
7
8
9
10
Cathode dp
Anode dp
Common Anode D2
Common Cathode D2
Cathode e
Anode e
Cathode d
Anode d
Cathode f
Anode f
Cathode g
Anode g
Common Anode D1
Common Cathode D1
Cathode b
Anode b
Cathode a
Anode a
1.6
1.8
2.0
2.4
2.2
100
50
30
5
3
10
1
Forward Current
Ambient Temperature
IF VF
0
0
20
10
5
15
20
25
40
60
80
100
IF Ta
Forward Voltage
3
1
5
10
50
100
30
10000
5000
3000
500
300
1000
100
IO IF
LN523RAMR
LN523RAMR
LN523RKMR
LN523RKMR
LN523RAMR
LN523RKMR
2.54
× 6.0 = ∗15.24
1.0
∗2.54
10
− φ0.45 ± 0.1
2
− φ1.2
1.2
8.0
3.2
5.4
10
°
20.0
12
3
5
4
6
7
8
9
a
D2
d
D1
e
dp
c
b
f
g
10


Similar Part No. - LN523RAMR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN523YAMY PANASONIC-LN523YAMY Datasheet
21Kb / 1P
Numeric Display
LN523YKMY PANASONIC-LN523YKMY Datasheet
21Kb / 1P
Numeric Display
More results

Similar Description - LN523RAMR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN5110OGAMW PANASONIC-LN5110OGAMW Datasheet
20Kb / 1P
Numeric Display
LN513RA PANASONIC-LN513RA Datasheet
21Kb / 1P
Numeric Display
LN513YA PANASONIC-LN513YA Datasheet
21Kb / 1P
Numeric Display
LN513YAS PANASONIC-LN513YAS Datasheet
21Kb / 1P
Numeric Display
LN514RA PANASONIC-LN514RA Datasheet
21Kb / 1P
Numeric Display
LN514YA PANASONIC-LN514YA Datasheet
21Kb / 1P
Numeric Display
LN516RA PANASONIC-LN516RA Datasheet
21Kb / 1P
Numeric Display
LN518RA PANASONIC-LN518RA Datasheet
21Kb / 1P
Numeric Display
LN523YAMY PANASONIC-LN523YAMY Datasheet
21Kb / 1P
Numeric Display
LN543OAN8 PANASONIC-LN543OAN8 Datasheet
25Kb / 1P
Numeric Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com