Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST6.3X32 Datasheet(PDF) 2 Page - Schurter Inc.

Part # FST6.3X32
Description  Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST6.3X32 Datasheet(HTML) 2 Page - Schurter Inc.

  FST6.3X32_V02 Datasheet HTML 1Page - Schurter Inc. FST6.3X32_V02 Datasheet HTML 2Page - Schurter Inc. FST6.3X32_V02 Datasheet HTML 3Page - Schurter Inc. FST6.3X32_V02 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Fuses
FST 6.3x32
https://www.schurter.com /PG01_2
Circuit Protection
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
UKCA declaration of conformity
SCHURTER AG
The UKCA marking declares that the product complies with the applicable
requirements laid down in the British Amendment of Regulation (EC)
765/2008.
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
32 mm
31.8
Pre-Arcing Time
Rated Current In
2.0 x In min.
2.0 x In max. 2.75 x In min. 2.75 x In max. 4.0 x In min.
4.0 x In max. 10.0 x In min. 10.0 x In max.
0.25 A - 2 A
800 ms
20 s
150 ms
3 s
60 ms
1 s
10 ms
200 ms
2.5 A - 20 A
800 ms
20 s
200 ms
6 s
80 ms
2 s
15 ms
300 ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com