Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST6.3X32 Datasheet(PDF) 1 Page - Schurter Inc.

Part # FST6.3X32
Description  Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST6.3X32 Datasheet(HTML) 1 Page - Schurter Inc.

  FST6.3X32 Datasheet HTML 1Page - Schurter Inc. FST6.3X32 Datasheet HTML 2Page - Schurter Inc. FST6.3X32 Datasheet HTML 3Page - Schurter Inc. FST6.3X32 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Fuses
FST 6.3x32
https://www.schurter.com /PG01_2
Circuit Protection
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
Same image is used for FST 5x20
See below:
Approvals and Compliances
250VAC · Time-Lag T
References
Last order date: 30.04.2021
We recommend for new applications SHT 6.3x32
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product
Technical Data
Rated Voltage
250 VAC
Rated current
0.25 - 20 A
Breaking Capacity
35 A - 200 A
Characteristic
Time-Lag T
Mounting
Fuseholder / Clip
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Tube
Glass
Material: Endcaps
Nickel-Plated Copper Alloy
Unit Weight
2.02 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Rated current, Rated Voltage, Cha-
racteristic, Certification marks
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements


Similar Part No. - FST6.3X32

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST6.3X32 SCHURTER-FST6.3X32 Datasheet
234Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32 Datasheet
186Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
29.09.2021
FST6.3X32UL SCHURTER-FST6.3X32UL Datasheet
244Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
FST6.3X32UL SCHURTER-FST6.3X32UL Datasheet
180Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
04.01.2022
FST6.3X32UL SCHURTER-FST6.3X32UL_V02 Datasheet
180Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
04.01.2022
More results

Similar Description - FST6.3X32

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00343401 SCHURTER-00343401 Datasheet
298Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
00345207 SCHURTER-00345207 Datasheet
274Kb / 2P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
00012521 SCHURTER-00012521 Datasheet
297Kb / 2P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
172600 SCHURTER-172600_18 Datasheet
184Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32 Datasheet
234Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
FST6.3X32UL SCHURTER-FST6.3X32UL Datasheet
244Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
SPT6.3X32 SCHURTER-SPT6.3X32 Datasheet
256Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32_V01 Datasheet
186Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
29.09.2021
172600 SCHURTER-172600_V02 Datasheet
179Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
04.01.2022
FST6.3X32UL SCHURTER-FST6.3X32UL_V02 Datasheet
180Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com