Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5209 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC5209
Description  500 mA Low-Noise LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5209 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC5209 Datasheet HTML 17Page - Microchip Technology MIC5209 Datasheet HTML 18Page - Microchip Technology MIC5209 Datasheet HTML 19Page - Microchip Technology MIC5209 Datasheet HTML 20Page - Microchip Technology MIC5209 Datasheet HTML 21Page - Microchip Technology MIC5209 Datasheet HTML 22Page - Microchip Technology MIC5209 Datasheet HTML 23Page - Microchip Technology MIC5209 Datasheet HTML 24Page - Microchip Technology MIC5209 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005720B-page 21
MIC5209
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.65 BSC
0.203 REF
1.50
0.35
0.20
0.80
0.00
0.25
0.40
1.55
0.85
0.02
3.00 BSC
MILLIMETERS
MIN
NOM
8
1.60
0.45
0.30
0.90
0.05
MAX
K-
0.20
-
Terminal-to-Exposed-Pad
Overall Length
Exposed Pad Length
D
D2
2.25
3.00 BSC
2.30
2.35
Microchip Technology Drawing C04-1021 A Sheet 1 of 2
8-Lead Very Thin Plastic Dual Flat, No Lead Package (JMA) - 3x3x0.9 mm Body [VDFN]
Micrel Legacy Package DFN33-8LD-PL-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com